PART |
Description |
Maker |
P87C552 P87C552SBAA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
|
PHILIPS[Philips Semiconductors]
|
P89V51RD2BN P89V51RD2FA P89V51RD2FBC |
8-bit 80C51 5 V low power 64 kB Flash microcontroller with 1 kB RAM
|
NXP Semiconductors
|
P83C654X2 P83C654X2BBD P83C654X2FA P87C654X2 P87C6 |
80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
|
PHILIPS[Philips Semiconductors]
|
P87C750 P87C750EBAA P87C750EBDDB P87C750EBPN P87C7 |
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PQCC28 128K X 16 BIT, 90 NS, 0-70 C, CMOS EPROM 80C51 8-bit microcontroller family 1K/64 OTP ROM/ low pin count
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
P80C32X2 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
|
Philips
|
80C31 80C31_80C32_1 P80C31 |
80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V-5.5 V), low power, high speed (33 MHz) From old datasheet system
|
Philips
|
P89LPC922 P89LPC921FDH P89LPC922FDH P89LPC922FN P8 |
MINIATURE POWER RELAY 8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
|
http:// NXP Semiconductors
|
P87C54 TLE2024 P87C51FA P80C58SBAA P80C58SFAA P80C |
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz) 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
P87C552SBAA P87C552 |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power 80C51 8-bit microcontroller 8K/256 OTP/ 8 channel 10 bit A/D/ I2C/ PWM/ capture/compare/ high I/O/ low voltage 2.7V.5.5V/ low power C, PWM, capture-compare, high IO, low voltage (2.7 V - 5.5 V), low power
|
NXP Semiconductors Philips Semiconductors
|
P89V66008 P89V662FA P89V662FBC P89V664FA P89V660FA |
8-bit 80C51 5 V low power 16 kB/32 kB/64 kB flash microcontroller with 512 B/1 kB/2 kB RAM, dual I2C-bus, SPI
|
NXP Semiconductors
|
P89LPC921 P89LPC921FDH P89LPC920 P89LPC920FDH P89L |
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
|
PHILIPS[Philips Semiconductors]
|