PART |
Description |
Maker |
GMCR100-6 |
SENSIT IVE GAT E SILICON CONTROLLED RECT IFIERS REVERSE BLOCKING THYRISTORS 0. 8A, 400V
|
E-Tech Electronics LTD
|
IDT72V82L20PA IDT72V82L15PA 72V84_DS_9983 IDT72V85 |
4K x 9 DualAsync FIFO, 3.3V 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 From old datasheet system 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9 DUAL 1024 x 9 DUAL 2048 x 9 DUAL 4096 X 9
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT72805LB IDT72805LB20BG IDT72805LB25BG IDT72805L |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1024 x 18
|
Integrated Device Technology
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|
A3966SA A3966SLB A3966 3966 |
DUAL FULL-BRIDGE PWM MOTOR DRIVER DIODE SWITCHING DUAL-DUAL SERIES 70V 250mA-Io 200mW 4ns-trr SOT-363 3K/REEL 双全桥PWM电机驱动
|
ALLEGRO[Allegro MicroSystems] Allegro MicroSystems, Inc.
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IDT72805LB10BGI IDT72845LB20PFI IDT72835LB20PFI ID |
4K x 18 DualSync FIFO, 5.0V 2K x 18 DualSync FIFO, 5.0V 1K x 18 DualSync FIFO, 5.0V 256 x 18 DualSync FIFO, 5.0V 512 x 18 DualSync FIFO, 5.0V CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 1K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18,双4,096 × 18 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
|
Integrated Device Technolog... IDT Integrated Device Technology, Inc. Integrated Device Techn...
|
IDT7134LA70P IDT7134LA70PB IDT7134SA35C IDT7134SA3 |
150V N-Channel UltraFET Trench MOSFET HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail FTDI232BM, USB-RS232, 32-LQFP SMT 30V Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package; Package: SO-14; No of Pins: 14; Container: Tape & Reel
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
|