PART |
Description |
Maker |
B1129-3.3 B1129-5.0 B1129N-ADJ B1129S-ADJ |
1.00Amp High Current Low Dropout Voltage Regulator Adjustable & Fix Adjustable 1.00A high current low dropout voltage regulator
|
BayLinear
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
TPS79915 |
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
|
TI
|
SI-3033ZD-TL SI-3033ZD |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 PLASTIC, TO-263, 5 PIN High-Current, Low-Dropout, 3.3 V Regulator
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
MSK5020-3.3B MSK5020-3.3E |
HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, DFM12
|
M.S. Kennedy, Corp.
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
TPS79901-EP-18 |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
L1136L-XX-AF5-R L113611 |
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
|
Unisonic Technologies
|