PART |
Description |
Maker |
MAX1214EGKD MAX1228AEEP-T MAX1229AEEPT |
1.8V, 12-Bit, 210Msps ADC for Broadband Applications 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc.
|
LTC2241IUP-12-PBF LTC2241IUP-12-TR LTC2241IUP-12-T |
12-Bit, 210Msps ADC
|
Linear Technology
|
LTC2241UP-10 LTC2241-10 LTC2241CUP-10 LTC2241CUP-1 |
10-Bit, 210Msps ADC
|
Linear Technology
|
KAD2708L-17 KAD2708L-21 KAD2708L-35 KAD2708L-27Q68 |
8-Bit, 350/275/210/170/105MSPS A/D Converter 8-Bit, 350MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 210MSPS Single-Channel ADC, LVDS Outputs 8-Bit, 170MSPS Single-Channel ADC, LVDS Outputs
|
Intersil Corporation
|
KAD2710L KAD2710L-10Q68 KAD2710L-17Q68 KAD2710L-21 |
10-Bit, 170MSPS Single-Channel ADC, LVDS Outputs 10-Bit, 105MSPS Single-Channel ADC, LVDS Outputs 10-Bit, 275/210/170/105MSPS A/D Converter 10-Bit, 210MSPS Single-Channel ADC, LVDS Outputs; Temperature Range: -40°C to 85°C; Package: 68-QFN
|
Intersil Corporation
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX11167ETCT MX7672KP10T MX7672LP10T MX7572LCWG05- |
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN High-Speed 12-Bit ADC with External Reference Input 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete High-Speed CMOS, 12-Bit ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 CMOS, µP Compatible, 4µs, 8-Bit ADC 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO18 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 8-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO24
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX195ACDE MAX195BEPE MAX195BEWE MAX195BCPE MAX195 |
16-Bit, 85ksps ADC with 10uA Shutdown 16-Bit, 85ksps ADC with 10µA Shutdown 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 16-Bit, 85ksps ADC with 10レA Shutdown
|
Maxim Integrated Products, Inc.
|
LTC2150-14 |
14-Bit 250Msps/ 210Msps/170Msps ADCs
|
Linear Technology
|
ISL5929 |
Dual 14-Bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter
|
Intersil Corporation
|
AT84XAS003TP AT84AS003 AT84AS003CTP AT84AS003VTP A |
10-bit 1.5 Gsps ADC with 1:4 Demultiplexed output. The AT84AS003 is the first ADC on the market breaking the 8.0 ENOB barrier at ... 10-bit 1.5 Gsps ADC With 1:4 DMUX
|
ATMEL Corporation Atmel Corp.
|
MAX1123EGK-D |
1.8V, 10-Bit, 210Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications
|
MAXIM - Dallas Semiconductor
|
|