PART |
Description |
Maker |
LH534Y00U |
x16 ROM (Mask Programmable) x16光盘(掩模可编程
|
Intersil, Corp.
|
UPD23C64040BLGY-XXX-MK UPD23C64040BLGY-XXX-MJ |
x8 or x16 ROM (Mask Programmable) x8或x16光盘(掩模可编程
|
NEC, Corp.
|
MX23C8000 MX23C8000MC-10 MX23C8000MC-12 MX23C8000M |
8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 150 ns, PDIP32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 120 ns, PDIP32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 200 ns, PQCC32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 100 ns, PQCC32 8M-BIT [1M x 8] CMOS MASK ROM 1M X 8 MASK PROM, 120 ns, PQCC32
|
Macronix International Co., Ltd.
|
A23L1616 A23L16161 A23L16161V A23L16162 A23L16162V |
70ns 2M x 16/4M x 8bit CMOS MASK ROM 100ns 2M x 16/4M x 8bit CMOS MASK ROM Power Resistor; Series:MK; Resistance:20ohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C; Terminal Type:Radial Leaded 2M X 16 / 4M X 8 BIT CMOS MASK ROM 200万16 / 4米8位CMOS掩膜ROM
|
AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
UPD789860 UPD78F9116A UPD78F9116B UPD789014 UPD789 |
8-BIT SINGLE-CHIP MICROCONTROLLER INSTRUCTIONS 78K/0SSeriesInstructions|User'sManual[11/2000]
78K/0S series for Dot.LCD Driver(Mask ROM 24K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 32K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 48K bytes) 78K/0S series for Dot.LCD Driver(Mask ROM 60K bytes) 78K/0S series Flash Memory on chip for Dot.LCD Driver 78K/0S series Flash Memory on chip for LCD Driver 8-bit single-chip microcomputer 78K/0S 78K/0S Series for LCD Driver (Mask ROM 24Kbytes) 179K Series (78K0S core) for LCD remote control transmitter 78K/0S Series for LCD Driver/Booster(Mask ROM 8K bytes) 78K/0S Series for LCD Driver (Mask ROM 16Kbytes) 8-bit single-chip microcomputer 78K0S Supply restricted to limited customers. Details on hold USB keyboard 8-bit single-chip microcomputer 8-bit single-chip microcontroller 78K/0S series 78K/0S Series for LCD Driver (Mask ROM 4Kbytes) 78K/0S Series for LCD Driver (Mask ROM 8Kbytes) 8-bit CMOS Single-chip microcontroller 8-bit single-chip microcontroller incorporating 256-byte EEPROM 78K/0S Series 8SC (flash memory version) 8-bit single-chip microcomputer for USB keyboard 78K/0S Series for LCD Driver/Booster (Mask ROM 24K bytes) 8-bit single-chip microcontroller with VFD controller/driver 78K/0S Series for LCD Driver/Booster (Mask ROM 4K bytes) Low-power LCD microcontroller
|
NEC
|
A23W9308 A23W9308L A23W9308M |
524.288 X 8 BIT CMOS MASK ROM 524.288 × 8位CMOS掩膜ROM 524,288 X 8 BIT CMOS MASK ROM 120ns/5.0V; 150ns/3.0V 254,288 x 8bit CMOS MASK ROM
|
Stancor AMIC Technology
|
MX23C4000 MX23C4000MC-10 MX23C4000MC-12 MX23C4000M |
4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 150 ns, PDSO32 4M-BIT MASK ROM (8 BIT OUTPUT) 512K X 8 MASK PROM, 90 ns, PDIP32
|
Macronix International Co., Ltd.
|
MX23L1610 MX23L1610MC-10 MX23L1610MC-12 MX23L1610M |
3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM 1M X 16 MASK PROM, 150 ns, PDSO44
|
PROM Macronix International Co., Ltd.
|
MX23L6422 MX23L6422MC-11 MX23L6422MC-12 MX23L6422Y |
3.3 Volt 64M-BIT (4M x 16 / 2M x 32) Mask ROM with Page Mode 2M X 32 MASK PROM, 120 ns, PDSO86
|
Macronix International Co., Ltd.
|
HT23C512 23C512 |
CMOS 64Kx 8-Bit Mask ROM From old datasheet system CMOS 64K′ 8-Bit Mask ROM
|
HOLTEK[Holtek Semiconductor Inc]
|
HD6433038VTE |
ROM: MASK ROM; V(cc): -0.3 to 7.0V; V(in): -0.3 to 0.3V; high-performance single-chip microcomputer
|
Hitachi Semiconductor
|