PART |
Description |
Maker |
LH5316500N-15 LH5316500T-15 |
x8 or x16 ROM (Mask Programmable) x8或x16光盘(掩模可编程
|
Ecliptek, Corp.
|
LH532000BN-1 |
x8 or x16 ROM (Mask Programmable) x8或x16光盘(掩模可编程
|
Samsung Semiconductor Co., Ltd.
|
LH534Y00U |
x16 ROM (Mask Programmable) x16光盘(掩模可编程
|
Intersil, Corp.
|
HT23C010 23C010 |
From old datasheet system CMOS 128K x 8-Bit Mask ROM(CMOS 128K x 8位掩模式ROM) 的CMOS 128K的8位掩模ROM28K的的CMOS × 8位掩模式光盘 CMOS 128K 8-Bit Mask ROM CMOS 128K? 8-Bit Mask ROM CMOS 128K′ 8-Bit Mask ROM
|
Holtek Semiconductor, Inc. HOLTEK[Holtek Semiconductor Inc]
|
UPD703100AGJ-33-UEN UPD703100GJ-33-UEN UPD703101AG |
ROM-less version; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 96K bytes; Internal RAM: 4K bytes Mask ROM version; Mask ROM: 128K bytes; Internal RAM: 4K bytes Flash version; Internal flash: 128K bytes; Internal RAM: 4K bytes 32-bit RISC microcontroller (V850E/MS2:ROMless,Internal RAM: 4 KB)
|
NEC
|
MX23L6410YC-10 |
64M-BIT (8M x 8 / 4M x 16) Mask ROM 4M X 16 MASK PROM, 100 ns, PDSO44
|
Macronix International Co., Ltd.
|
UPD23C8000LGY-XXX-MKH UPD23C8000LGY-XXX-MJH UPD23C |
x8 or x16 ROM (Mask Programmable) EPIC - PEF 2055 IGBT Modules up to 1200V FourPACK x8或x16光盘(掩模可编程 ELIC - PEF 20550 x8或x16光盘(掩模可编程
|
NEC, Corp. Unisonic Technologies Co., Ltd.
|
A23W8308 A23W8308L A23W8308H A23W8308M |
262,144 X 8 BIT CMOS MASK ROM 120ns/5.0V; 150ns/3.0V 262,144 x 8bit CMOS MASK ROM
|
AMIC Technology
|
MX23L8103TC-70 MX23L8103TC-90 |
8M-BIT MASK ROM 512K X 16 MASK PROM, 70 ns, PDSO48 8M-BIT MASK ROM 512K X 16 MASK PROM, 90 ns, PDSO48
|
Fujitsu, Ltd. Macronix International Co., Ltd.
|
MX23L3211TC-90 |
32M-BIT MASK ROM (8/16-BIT OUTPUT) 2M X 16 MASK PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
MSM66P56-XX MSM66P54-XX MSM6650 MSM6656A MSM6656-X |
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable (OTP) ROM
|
OKI
|