PART |
Description |
Maker |
BA3641FV A5800529 |
Audio LSIs > Headphone stereo amplifier > Recording IC for headhone stereo Recording amplifier with built-in ALC for headphone stereos From old datasheet system
|
ROHM[Rohm]
|
BA3575 BA3575FS A5800786 |
Audio LSIs > Headphone stereo amplifier > Headphone amplifier From old datasheet system Low-current Audio Headphone Driver(小电流音频耳机驱动 低电流音频耳机驱动器(小电流音频耳机驱动器)
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
MAX9702EUI MAX9702BEUI MAX9702ETI MAX9702BETI MAX9 |
1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
|
MAXIM[Maxim Integrated Products]
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX9720 MAX9720AEUE MAX9720BEBE-T MAX9720BEUE MAX9 |
Circular Connector; No. of Contacts:6; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:9-35 RoHS Compliant: No 50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown 0.05 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 50mW / DirectDrive / Stereo Headphone Amplifier with SmartSense and Shutdown
|
Maxim Integrated Products, Inc.
|
5962-9461111HTC 5962-9461107HMA 5962-9461107HMC 59 |
Low-Power, 3V/ 5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs CMOS, Micropower, Inverting Switching Regulator 3V/ 5V, 250MHz, SOT23 ADC Buffer Amplifiers with High-Speed Disable 80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown X32号的SRAM模块 Quad 2-input Exclusive OR (XOR) Gate 2输入异或(XOR)门 x32 SRAM Module X32号的SRAM模块 80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense X32号的SRAM模块 Audio/Video Switch for Dual SCART Connectors
|
Glenair, Inc. Kingbright, Corp.
|
MAX9779ETI |
2.6W Stereo Audio Power Amplifier and DirectDrive Headphone Amplifier
|
Maxim Integrated Products
|
TA2003P |
Stereo Headphone Amplifier (3V USE)
|
TOSHIBA
|
MAX4409ETP |
80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense 0.08 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20
|
Maxim Integrated Products, Inc.
|
BH7884EFV05 |
1W+1W Stereo Speaker / Headphone Amplifier
|
Rohm
|