PART |
Description |
Maker |
ISL95853 |
Multiphase PWM Regulator for IMVP8 CPUs
|
Intersil Corporation
|
ISL6363 ISL6363CRTZ ISL6363IRTZ |
Multiphase PWM Regulator for VR12?Desktop CPUs
|
Renesas Electronics Corporation
|
ISL6377IRZ ISL6377HRZ |
Multiphase PWM Regulator for AMD Fusion?Desktop CPUs Using SVI 2.0
|
Intersil Corporation
|
EL515-3-1 EL515-3-15 EL515-3-10 EL515-3-0.5 EL515- |
Logic IC 1.2A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R Li-ion/Li Polymer Battery Charger; Temperature Range: See Datasheet; Package: 10-DFN T&R Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN Li-ion/Li Polymer Linear Battery Charger; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R Li-ion/Li Polymer Battery Charger; Temperature Range: See Datasheet; Package: 16-QFN T&R Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 48-TQFN Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN 逻辑IC
|
Semtech, Corp.
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
CHL8225 CHL8228-00CRT CHL8228G |
Dual loop, 4 1 multiphase PWM controller for graphics processor VR solutions with multiple input rail control Dual loop, 6 2 multiphase PWM controller for graphics processor VR solutions with multiple input rail control
|
International Rectifier
|
ISL6564AIRZ ISL6564ACRZ ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
|
INTERSIL[Intersil Corporation]
|
MIC23051-16YML MIC23051-CGYML MIC23051-C4YML |
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling 4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc.
|
AIC1573 AIC1573CS |
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
IR3567BMTRPBF |
Dual Loop, 6 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|