PART |
Description |
Maker |
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
AT49F1024 AT49F1024-50VC |
x16 Flash EEPROM From old datasheet system 1-megabit (64K x 16) 5-volt Only Flash Memory 1M bit, 64K x 16, 5-Volt Read and 5-Volt Write Flash
|
Atmel Corp
|
AT49LV2048A AT49BV2048A AT49LV2048A-70TC AT49LV204 |
2M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot 2M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|
AT49LV1024A AT49LV1024A-45VC AT49LV1024A-45VL |
1M bit, 64K x 16, 3-Volt Read and 3-Volt Write Flash 1-megabit (64K x 16) 3-volt Only Flash Memory
|
ATMEL[ATMEL Corporation]
|
AT49F001AT-55VI AT49F001A AT49F001A-45JI AT49F001A |
128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash. 1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
|
ATMEL[ATMEL Corporation]
|
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
IMC016FLSC IMC004FLSC IMC008FLSC |
5 V Value Series 100 Flash Memory Card(5V 100系列闪速存储器 4M X 16 FLASH 5V PROM CARD, 100 ns, XMA68
|
Intel Corp.
|
S29GL128P90TFCR10 S29GL512P10TFIR20 S29GL256P90FAI |
128M X 1 FLASH 3V PROM, 90 ns, PDSO56 20 X 14 MM, LEAD FREE, MO-142EC, TSOP-56 512M X 1 FLASH 3V PROM, 100 ns, PDSO56 20 X 14 MM, LEAD FREE, MO-142EC, TSOP-56 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 256M X 1 FLASH 3V PROM, 90 ns, PBGA64 256M X 1 FLASH 3V PROM, 90 ns, PBGA64 13 X 11 MM, 1 MM PITCH, LEAD FREE, FBGA-64 1G X 1 FLASH 3V PROM, 110 ns, PDSO56 20 X 14 MM, LEAD FREE, MO-142EC, TSOP-56 256M X 1 FLASH 3V PROM, 90 ns, PDSO56 20 X 14 MM, LEAD FREE, MO-142EC, TSOP-56 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 1G X 1 FLASH 3V PROM, 110 ns, PBGA64 1G X 1 FLASH 3V PROM, 110 ns, PBGA64 13 X 11 MM, 1 MM PITCH, LEAD FREE, FBGA-64 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 512M X 1 FLASH 3V PROM, 110 ns, PDSO56 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology 256M X 1 FLASH 3V PROM, 100 ns, PBGA64 128M X 1 FLASH 3V PROM, 100 ns, PBGA64 1G X 1 FLASH 3V PROM, 120 ns, PDSO56 1G X 1 FLASH 3V PROM, 130 ns, PDSO56 1G X 1 FLASH 3V PROM, 120 ns, PBGA64
|
Spansion, Inc. SPANSION LLC
|
AM29LV320MH101EF AM29LV320MH112EI AM29LV320ML112EI |
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 2M X 16 FLASH 3V PROM, 100 ns, PDSO56 32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 2M X 16 FLASH 3V PROM, 90 ns, PBGA64
|
Spansion, Inc. SPANSION LLC
|
AM29LV002T-150EC AM29LV002T-150FC AM29LV002T-100EI |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 150 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40
|
Advanced Micro Devices, Inc.
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
|