PART |
Description |
Maker |
2N6836 MJ15001 MJ4031 MJ15025 |
European Master Selection Guide 1986 15 A, 140 V, NPN, Si, POWER TRANSISTOR 16 A, 80 V, PNP, Si, POWER TRANSISTOR 16 A, 250 V, PNP, Si, POWER TRANSISTOR
|
Motorola AMERICAN MICROSEMICONDUCTOR INC
|
ZTX849SMTA X957SMTA FXT704STOA |
5 A, 30 V, NPN, Si, POWER TRANSISTOR 1 A, 300 V, PNP, Si, POWER TRANSISTOR 1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC DIODES INC
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
2SA1394 2SA1394L 2SA1394-AZ |
5 A, 60 V, PNP, Si, POWER TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON POWER TRANSISTOR
|
NEC Corp. NEC[NEC]
|
TIP112T MJE15028A BUT56AW BUT56AA BUT56AN MOTOROLA |
2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB 8 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-220AB 7 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB 5 A, 700 V, NPN, Si, POWER TRANSISTOR, TO-220AB 2.5 A, 750 V, NPN, Si, POWER TRANSISTOR, TO-220AB 3 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB 6 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB 1 A, 300 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
2SB1202-X-T6C-K 2SB1202-X-TN3-R 2SB1202-X-TM3-T 2S |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
SFT503/GR SFT501/G SFT501/GR |
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR 5 A, 150 V, PNP, Si, POWER TRANSISTOR
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
SLA4390 |
PNP NPN Darlington Transistor (H-Hridge)(PNP NPN达林顿晶体管H桥)) 5 A, 100 V, 4 CHANNEL, NPN AND PNP, Si, POWER TRANSISTOR
|
Sanken Electric Co., Ltd.
|
KSB596OTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
BDX34BTU |
PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Rail 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
ZXTP2012ASTZ |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 3500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
|