PART |
Description |
Maker |
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AT49LV001 AT49LV001N AT49LV001NT-12JI AT49LV001NT- |
1-Megabit (128K x 8) single 2.7-volt Battery-Voltage flash memory, 50 mA active, 0.3mA standby, 2.7V to 3.6V 1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory 1-Megabit (128K x 8) single 2.7-volt Battery-Voltage flash memory, 50 mA active, 0.3mA standby, 3.0V to 3.6V
|
ATMEL[ATMEL Corporation]
|
AT29BV010A AT29BV010A-20 AT29BV010A-20JC AT29BV010 |
1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
|
ATMEL[ATMEL Corporation]
|
AT29BV010A-25 AT29BV010A-30JC AT29BV010A-30JI AT29 |
1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
|
Atmel Corp.
|
AT29LV010A-12TC AT29LV010A-12JI AT29LV010A-20JI AT |
120NS, TSOP, COM TEMP(FLASH) 128K X 8 FLASH 3V PROM, 120 ns, PDSO32 1-megabit (128K x 8) 3-volt Only Flash Memory
|
Atmel, Corp. ATMEL Corporation
|
EDI8L24129V-BC EDI8L24129V12BI EDI8L24129V EDI8L24 |
10ns; 3.3V power supply; 128K x 24 SRAM SRAM MCP SDR Connector; No. of Contacts:26; Pitch Spacing:0.8mm; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 128K X 24 SRAM 3.3 VOLT 128K的X 24 SRAM.3 15ns; 3.3V power supply; 128K x 24 SRAM
|
Electronic Theatre Controls, Inc. White Electronic Designs
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
EN29LV010-90TC EN29LV010-70TCP EN29LV010-70SCP EN2 |
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位28K的8位)统一部门3.0伏的CMOS只闪 1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory 1兆位128K的8位)统一部门.0伏的CMOS只闪
|
Eon Silicon Solution Inc. Electronic Theatre Controls, Inc. Eon Silicon Solution, Inc.
|
62C1024L IS62C1024L IS62C1024L-35Q IS62C1024L-35TI |
128K x 8 LOW POWER CMOS STATIC RAM 20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL 128K X 8 STANDARD SRAM, 35 ns, PDSO32
|
Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
AT29C010 AT29C010A AT29C010A-12 AT29C010A-12JC AT2 |
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
|
ATMEL[ATMEL Corporation]
|
AM29F010-1 AM29F010-120DGC1 AM29F010-120DGE1 AM29F |
1 megabit CMOS 5.0 volt-only, uniform sector flash memory- die revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash MemoryDie Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC30 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 90 ns, UUC30 Evaluation Board for LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers 128K X 8 FLASH 5V PROM, 90 ns, UUC30 LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers; Package: MICRO SMD; No of Pins: 8 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory-Die Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory-Die Revision 1
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|