PART |
Description |
Maker |
206-501-22-38 206-521-22-38 206-532-22-38 206-930- |
LED MINIATUR FLANSCHSOCKEL 24V GELB LED MINIATUR FLANSCHSOCKEL 24V BLAU LED MINIATUR FLANSCHSOCKEL 24V GRUEN 发光二极管微缩FLANSCHSOCKEL 24V的格 LED MINIATUR FLANSCHSOCKEL 24V ROT 发光二极管微缩FLANSCHSOCKEL 24V的腐
|
Marl International Limited
|
FAN2110 FAN2110EMPX FAN2110MPX |
TinyBuckT - 10A, 24V Input, Integrated Synchronous Buck Regulator; Package: 25-MLP 5x6; Container: Tape & Reel TinyBuck垄芒, 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator TinyBuck? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
|
FAIRCHILD SEMICONDUCTOR CORP
|
STB50NH02L |
N-CHANNEL 24V - 0.011ohm - 50A D2PAK STripFET III POWER MOSFET N-CHANNEL 24V - 0.011ohm - 50A DPAK STripFET III POWER MOSFET N-CHANNEL 24V - 0.011ohm - 50A D?PAK STripFET⑩ III POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
NTB65N02R NTP65N02R NTB65N02RT4 |
Power MOSFET 24V N-Channel D2PAK Power MOSFET 24V N-Channel TO-220
|
ON Semiconductor
|
STD50NH02L STD50NH02L-1 STD50NH02LT4 |
RSNTR 12.00MHZ 10PF 0.7% CER SMD-3.4X7.4 -40 85C T&R N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET?/a> III POWER MOSFET N-CHANNEL 24V - 0.0085 ohm - 50A DPAK/IPAK STripFET⑩ III POWER MOSFET N-CHANNEL 24V - 0.0085 OHM - 50A DPAK/IPAK STRIPFET III POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
6027733 6027728 6027731 6027732 6027736 6027735 60 |
SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK XENON BERNSTEIN 24V AC/DC WARNBAKE BLINK XENON TRANSP 24V AC/DC WARNBAKE BLINK XENON GRUEN 24V AC/DC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating GLUEHLAMPE 12V
|
Cooper Hand Tools
|
TL432CZ TL432Z TL432AZ TL432-AZ TL432-AZSF TL432-C |
Low Voltage(1.24V) Adjustable Precision Shunt Regulator Low Voltage(1.24V) Adjustable Precision Shunt Regulator 低电压(两种器件)可调精密并联稳压器
|
HTC Korea TAEJIN Techno... HTC[HTC Korea TAEJIN Technology Co.] TAEJIN Technology Co., Ltd. Sharp, Corp.
|
OD6025-24HHB OD6025-05HB OD6025-05HS OD6025-12HB O |
DC Fan - 12, 24V 60x25mm (2.36 x 1.0)
|
ORION FANS
|
KDE2409PTB2-6 |
DC FAN STNDRD 24V
|
Sunon
|
8951330000 |
CP M SNT 70W 24V 3A
|
Weidmuller
|
ML100.200 |
24V 4.2A, TWO-PHASE INPUT
|
PULS GmbH
|
OD1225 OD1225-12HSS OD1225-24HSS |
DC FAN - 12V, 24V
|
ORION FANS
|