PART |
Description |
Maker |
57.504.4055.0 |
Terminal Block; Mounting Type:DIN Rail; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 A, MODULAR TERMINAL BLOCK
|
Wieland Electric, Inc.
|
1722480000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-14; Mounting Type:PC Board; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
12-142 13-142 |
Terminal Block; Number of Positions:12; Pitch Spacing:0.563"; Wire Size (AWG):10; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .563 13 POS 30 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Cinch Connectors
|
11-140 15-140-Y 14-140-Y 17-140-Y 16-140-Y 18-140 |
Terminal Block; Number of Positions:11; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block,30 Contacts,0.375 Pitch 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 14 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 17 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 16 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:15; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:15; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Number of Contacts:2 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 13 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK CONN BARRIER BLOCK .375 12 POS 15 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:12; Pitch Spacing:0.375"; Wire Size (AWG):16; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No
|
Cinch Connectors
|
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
1770970000 |
Terminal Block; Number of Positions:5; Pitch Spacing:0.138"; Wire Size (AWG):22-20; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:5 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
2117-V-RC 2112-RC 2111-RC 2120-V-RC 2122-RC 2108-H |
Toroidal Inductor; Series:2100; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.8A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Toroidal Inductor; Series:2100; Inductance:470uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.6A; DC Resistance Max:0.28ohm; Leaded Process Compatible:Yes 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.032ohm; Leaded Process Compatible:Yes; Resistance:32mohm 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:100uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.4A; DC Resistance Max:0.13ohm; Leaded Process Compatible:Yes High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Bourns Electronic Solut...
|
1608670000 |
Terminal Block; Wire Size (AWG):22-8; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Tension Clamp MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Weidmuller, Corp.
|
2109-V 2121-V |
1 ELEMENT, 47 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2100; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:0.30ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No
|
BOURNS INC
|
|