PART |
Description |
Maker |
02-09-1111 |
Crimp Socket Contact; Wire Size (AWG):14-18; Contact Material:Brass; Contact Plating:Tin; Contact Termination:Crimp BRASS, WIRE TERMINAL
|
Molex, Inc.
|
02-09-1104 |
Crimp Socket Contact; Wire Size (AWG):20-14 RoHS Compliant: Yes BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex, Inc.
|
50011-8000 50011-8100 |
Crimp Socket Contact; Wire Size (AWG):30-24; Contact Current:2A; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Reel Quantity:10000; Voltage Rating:125V RoHS Compliant: Yes Crimp Socket Contact; Wire Size (AWG):30-24; Contact Plating:Tin; Series:50011; Strip Length:2.1mm; Operating Temp. Min:-20 C; Pitch Spacing:2mm; Voltage Rating:125V RoHS Compliant: Yes
|
MOLEX INC
|
02-06-1131 02-06-5138 02-06-1132 02-06-5148 |
CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE 062 Female Term Chain Brs 30Au 24-30 BRASS, GOLD FINISH, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):30-24; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Female; Pitch Spacing:1.75mm BRASS, TIN FINISH, WIRE TERMINAL 062 Female Term Loose Brs 30Au 24-30
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
43178-1002 |
Crimp Pin Contact; Wire Size (AWG):18; Contact Current:18A RoHS Compliant: Yes BRASS, TIN (100) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc.
|
XTSH937-752GGYC XTSH660-754GGYH XTSG404-659GGYH XT |
BGA937, IC SOCKET BGA660, IC SOCKET BGA404, IC SOCKET BGA696, IC SOCKET BGA673, IC SOCKET BGA1088, IC SOCKET BGA160, IC SOCKET BGA316, IC SOCKET BGA225, IC SOCKET BGA648, IC SOCKET BGA503, IC SOCKET BGA348, IC SOCKET BGA675, IC SOCKET BGA353, IC SOCKET BGA900, IC SOCKET BGA385, IC SOCKET BGA615, IC SOCKET BGA600, IC SOCKET BGA84, IC SOCKET BGA153, IC SOCKET BGA400, IC SOCKET BGA360, IC SOCKET BGA1225, IC SOCKET
|
ADVANCED INTERCONNECTIONS CORP
|
0605-GT-14-L SST-1209-ST-02-L SST-1209-ST-10-L SST |
PGA30, IC SOCKET PGA108, IC SOCKET PGA160, IC SOCKET DIP20, IC SOCKET PGA60, IC SOCKET PGA130, IC SOCKET PGA75, IC SOCKET DIP4, IC SOCKET PGA28, IC SOCKET PGA48, IC SOCKET PGA255, IC SOCKET PGA24, IC SOCKET PGA187, IC SOCKET PGA12, IC SOCKET SIP17, IC SOCKET PGA63, IC SOCKET PGA144, IC SOCKET DIP26, IC SOCKET DIP14, IC SOCKET SIP4, IC SOCKET SIP3, IC SOCKET SIP1, IC SOCKET SIP7, IC SOCKET
|
SAMTEC INC
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
891-001-25PT-0A 891-001-25PT-0B 891-001-25PT-0C 89 |
Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies 25 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 25 CONTACT(S), FEMALE, D NANOMINIATURE CONNECTOR, CRIMP, RECEPTACLE 15 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 21 CONTACT(S), MALE, D NANOMINIATURE CONNECTOR, CRIMP, PLUG 51 CONTACT(S), FEMALE, D NANOMINIATURE CONNECTOR, CRIMP, RECEPTACLE
|
Glenair, Inc. GLENAIR INC
|
162A18719X |
CRIMP SOCKET CONTACT
|
CONEC Elektronische Bauelemente GmbH
|
|