PART |
Description |
Maker |
XR88C681_06 XR88C681 XR88C681CJ XR88C681CN_40 XR88 |
CMOS Dual Channel UART (DUART)
|
EXAR[Exar Corporation]
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
HD1-6402B_883 HD1-6402B-9 HD1-6402R_883 HD1-6402R- |
CMOS Universal Asynchronous Receiver Transmitter (UART) 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, PDIP40 CMOS Universal Asynchronous Receiver Transmitter (UART) 1 CHANNEL(S), 500K bps, SERIAL COMM CONTROLLER, CDIP40 CMOS Universal Asynchronous Receiver Transmitter (UART); Temperature Range: -55°C to 125°C; Package: 40-CerDIP 1 CHANNEL(S), 125K bps, SERIAL COMM CONTROLLER, CDIP40
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
XR82C684CJ XR82C684CJ_44 XR82C684J_44 XR82C684 XR8 |
CMOS QUAD CHANNEL UART (QUART)
|
EXAR[Exar Corporation]
|
XR82C684CJ-F |
CMOS Quad Channel UART(QUART)
|
Exar Corporation
|
IDT7280 IDT7280L IDT7280L12 IDT7280L12PA IDT7280L1 |
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9DUAL 1024 x 9 DUAL 2048 x 9DUAL 4096 x 9 DUAL 8192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9 DUAL 512 x 9 DUAL 1024 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
|
IDT[Integrated Device Technology]
|
XR28V384IM48-F |
UART Interface IC 3.3V Quad LPC UART w/ 128-Byte FIFO
|
Exar, Corp.
|
TS87C51U2 TS80C51U2 |
Double UART 8-bit CMOS Microcontroller, 0-60 MHz
|
TEMIC Semiconductors
|
ST16C450IJ44-F ST16C450CQ48 16C450 |
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 1 CHANNEL(S), 1.5M bps, SERIAL COMM CONTROLLER, PQFP48 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 通用异步接收/发送器(UART
|
Exar, Corp. Exar Corporation
|
FT245BM FT232BM |
Dual USB UART / FIFO I.C.
|
Future Technology Devices International Ltd.
|
SC16IS752 |
(SC16IS752 / SC16IS762) Dual UART
|
Philips Semiconductors NXP
|