PART |
Description |
Maker |
IMP1232 IMP1232LP IMP1232LPCMA IMP1232LPEMA IMP123 |
5V μP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V レP Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit 5V P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit Bi-Lobe Standard Metal Shell Nano Offset Connector
|
IMP[IMP, Inc] IMP[IMP Inc] IMP Inc IMP INC.
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
IRS27952 IRS27951SPBF IRS279524SPBF IRS279524STRPB |
Programmable minimum and maximum switching frequency RESONANT HALF-BRIDGE CONVERTER CONTROL IC RESONANT HALF-BRIDGE CONVERTER CONTROL IC
|
International Rectifier
|
IR2161 IR2161S IRPLHALO1E |
Halogen Convertor, 220/230VAC Input, 12VAC Output, 100VA Max Halogen Converter Control IC in a 8-lead SOIC package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... Halogen Converter Control IC in a 8-lead PDIP package. Features Auto Resetting Short Circuit Protection, Auto Resetting Overload ... 8-pin DIP HALOGEN CONVERTOR CONTROL IC
|
ir International Rectifier
|
USB2232-NU-03 USB2231 USB2231-NE-03 USB2231-NU-03 |
5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
|
SMSC[SMSC Corporation]
|
JC34063 JC34063E JC34063F |
1.5A DC TO DC CONVERTER CONTROL
|
ETC
|
GM340631 GM34063E GM34063ED8TG GM34063ES8RG GM3406 |
1.5A DC TO DC CONVERTER CONTROL
|
Gamma Microelectronics Inc.
|
UPC1935 UPC1935GR |
DC-DC CONVERTER CONTROL IC
|
NEC[NEC]
|
GM34063 GM34063D8T GM34063S8R GM34063S8T |
1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
|
Gamma Microelectronics Inc.
|
MC34063A MC34063AGD |
DC-DC Converter Control Circuits
|
HTC Korea TAEJIN Technology Co.
|
AMC34063A AMC34063ADM AMC34063ADMF AMC34063AM AMC3 |
DC-DC CONVERTER CONTROL CIRCUITS
|
ADDtek Corp
|