PART |
Description |
Maker |
RFT2P03LT |
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
|
Fairchild Semiconductor
|
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FP00013K30F6201B8 FP0004 FP00021K30F9251B8 FP00022 |
VISFP00013K30F6201B8 FP1 :6201 3.3K 1% B Metal Film Resistors, Industrial, Flameproof Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 1300 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 20000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT VISFP000233R0F9251EK A2V00001421814 RES Film/Foil Resistor, RESISTOR, METAL FILM, 2 W, 1 %, 150 ppm, 2000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Res Metal Film 230K Ohm 1% 1W ±150ppm/C Conformal AXL Thru-Hole T/R Film/Foil Resistor, RESISTOR, METAL FILM, 1 W, 1 %, 150 ppm, 150000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED Film/Foil Resistor, RESISTOR, METAL FILM, 3 W, 1 %, 150 ppm, 100000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED
|
Vishay Dale Vishay Siliconix
|
STS17NF3LL 8678 |
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFETII MOSFET FOR DC-DC CONVERSION N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET⑩ II MOSFET FOR DC-DC CONVERSION From old datasheet system N-CHANNEL PowerMESH MOSFET N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET II MOSFET FOR DC-DC CONVERSION
|
意法半导 STMicroelectronics ST Microelectronics
|
MTD6N15 MTD6N15T4G |
Power Field Effect Transistor DPAK for Surface Mount(功率场效应晶体管) 6 A, 150 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 Power MOSFET 150 V, 6 A, N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 6 A, 150 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
RSS065N03 RSS065N03FU6TB RSS065N03TB |
6.5 A, 30 V, 0.042 ohm, N-CHANNEL, Si, POWER, MOSFET Switching (30V 6.5A) Switching (30V, 6.5A)
|
ROHM[Rohm]
|
PTGL04AS100K2B51B0 |
THERMISTOR PTC 30V 10 OHM 10% RESISTOR, TEMPERATURE DEPENDENT, PTC, 10 ohm, THROUGH HOLE MOUNT
|
Murata Manufacturing Co., Ltd.
|
RF1K49088 FN3952 |
3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET⑩ Power MOSFET From old datasheet system 3.5A 30V 0.06 Ohm Logic Level Dual N-Channel LittleFET Power MOSFET 3.5A, 30V, 0.06 Ohm, Logic Level, Dual N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
S4707-01 |
MOSFET, Switching; VDSS (V): 600; ID (A): 21; Pch : 150; RDS (ON) typ. (ohm) @10V: 0.315; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 0.107; Package: TO-3P
|
Hamamatsu Photonics
|
RFD3055 RFD3055SM RFP3055 FN3648 |
12A/ 60V/ 0.150 Ohm/ N-Channel Power MOSFETs 12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs 12A 60V 0.150 Ohm N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
|