PART |
Description |
Maker |
ADUC842 ADUC842BCP |
MicroConverter 1-Cycle 8052 MCU, 8-Channel 12-Bit ADC , Dual 12-Bit DAC , 62K-Byte Flash, Programmable PLL in 8 x 8mm Chip-scale-package (CSP) 12- Bit ADCs and DACs with Embedded Hi-Speed 62KB FLASH MCU
|
Analog Devices, Inc.
|
HT68F60 HT68F20 |
(HT68F20 - HT68F60) Enhanced I/O Flash Type MCU 8-Bit MCU
|
Holtek Semiconductor
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
HT66F2011 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
Z8602 |
KEYBOARD CONTROLLER (KBC? NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC⑩) NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER (KBC) NMOS Z8 8-BIT MCU CAP 0.033UF 100V 10% X7R AXIAL TR-14
|
ZILOG[Zilog, Inc.] Zilog.
|
UM107M UM102 UM109 UM108M UM110 UM109M UM106M UM10 |
Up to 5A ULDO linear regulator 16-bit low voltage ROMless MCU Quad line receivers RS-232 quad line driver ST92141 - 8/16 BIT MCU FOR 3-PHASE AC MOTOR CONTROL 模拟IC
|
Golledge Electronics, Ltd.
|
ST72311R ST722532R4T3S ST72512R4T3S ST722512R4T3S |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器8位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES 8位嵌套中断,EEPROM存储器,模数转换器,16位定时器位PWM艺术,SPI和脊髓损伤,微控制器的CAN接口 Octal Buffers/Line Drivers With 3-State Outputs 24-PDIP -40 to 85 (ST72T311R - ST72T532R) 8-BIT MCU WITH NESTED INTERRUPTS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
ST6225CM6 ST6215CB3 ST6225CB3 ST6225CM1 ST62P15CB3 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, OSCILLATOR SAFEGARD, SAFE RESET AND 28 PINS 8-bit MCU with 8-bit A/D converter, two timers, oscillator safeguard & safe reset, 64 b RAM, 4Kb ROM, 8MHz, low voltage
|
ST Microelectronics SGS Thomson Microelectronics
|
ADUC844 ADUC844BCP32-5 ADUC844BCP32-3 ADUC844BS62- |
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter的,6-Bit/24-Bit与嵌入式62kB闪存MCU模数转换 MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU 8-BIT, FLASH, 12.58 MHz, MICROCONTROLLER, PQFP52
|
Analog Devices, Inc.
|
R5F56104WNBG R5F56108WNBG R5F56107VNFP R5F56106VNF |
32-Bit MCU The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
|
Renesas Electronics Corporation
|
ADUC812 ADUC812BS ADUC81203 EVAL-ADUC812QS EVAL-AD |
8-BIT, FLASH, 11.0592 MHz, MICROCONTROLLER, PQCC56 MicroConverter?, Multichannel 12-Bit ADC with Embedded Flash MCU MicroConverter庐, Multichannel 12-Bit ADC with Embedded Flash MCU
|
ANALOG DEVICES INC
|
|