PART |
Description |
Maker |
SD275SE30A SD275SE30B SD275SE30C |
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Forward Voltage Drop Typical Voltage Drop 0.30V
|
Sensitron
|
KIA278BR25PI KIA278BR30PI KIA278BR33PI KIA278BR35P |
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR) 双极线性集成电路(4码头A输出低压差稳压器 2A 4-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
KIA78R06API KIA78R08API KIA78R05API KIA78R09API KI |
1A 4-Terminal Low Drop(ON/OFF Controllable) Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
|
Korea Electronics (KEC) KEC Holdings
|
LD2982AM50R LD2982AM40R LD2982BXX50 LD2982BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION / LOW ESR CAP. COMPATIBLE VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE 极低DROP和低的禁止功能,低ESR第噪声稳压器。兼
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
KIA78D06 KIA78D06F KIA78D08 KIA78D08F KIA78D09 KIA |
1A Low Drop Voltage Regulator BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR) BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR) 双极线性集成电路(3端子低压降输出电压调节器 Octal Bus Transceivers With 3-State Outputs 20-TSSOP -40 to 85 双极线性集成电路(3端子低压降输出电压调节器
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)] KEC Holdings
|
LD29300XX90 LD29300XX80 LD29300XX50 LD29300XX33 LD |
3A, VERY LOW DROP VOLTAGE REGULATORS 3A VERY LOW DROP VOLTAGE REGULATOR 3A / VERY LOW DROP VOLTAGE REGULATORS
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
RE024 |
RE024 [Updated 2/03. 11 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 160 mA and as low as 5 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
20KDA10 |
Miniature Size, Low Forward Voltage drop Low Forward Voltage drop Diode Miniature Size / Low Forward Voltage drop
|
NIEC[Nihon Inter Electronics Corporation]
|
LM2931D LM2931 LM2931BZ50 LM2931AD33 LM2931AD50 LM |
VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BYT230PIV800 BYT231PI800 |
1.5A Very low drop for low output voltage regulator 与独立二极管组成的阵列|的SOT - 227B 3A Very low drop for low output voltage regulator 与独立二极管组成的阵列|的SOT - 227A
|
STMicroelectronics N.V. Superior Electric
|
RE029 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 1.8V output voltage, rated for loads of up to 80 mA and as low as 5 mA. A typical application is baseband memory in mobile terminals.
|
Atmel
|
HV500F12 |
12kV 450mA HIGH VOLTAGE DIODE
|
getedz electronics
|