PART |
Description |
Maker |
LX1662CN |
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC 1.5 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDIP14
|
Microsemi, Corp.
|
LX1663 LX1663ACD LX1663ACN LX1662A LX1662ACD LX166 |
SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC 1.5 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDIP16
|
MICROSEMI[Microsemi Corporation]
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
ICS94215 ICS94215YF-T |
Programmable System Clock Chip for AMD - K7⑩ Processor KX/KT133 Single Chip Clock with differential CPU Clocks Programmable System Clock Chip for AMD - K7 Processor
|
ICST[Integrated Circuit Systems]
|
LC72P32 |
On-Time Programmable ROM Single-Chip PLL Plus Microcontroller
|
Sanyo Semicon Device
|
LC865608 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
|
Sanyo Semicon Device
|
LC86P5632 LC865608 LC865612 LC865616 LC865620 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
LC86P7248 LC867232 LC867240 LC867224 LC867248 |
8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
|
SANYO[Sanyo Semicon Device]
|
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
ISL6525 ISL6525CB |
PWM Controller, VOUT 1.20V Min @ % Reg, 5V or 12V Supply, 200kHz Free-Running Osc Programmable 50kHz to 1 MHz Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|