PART |
Description |
Maker |
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
TC1427COA713 |
The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency
|
MICROCHIP
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC1438IGPBF LTC1439EGPBF LTC1439CGWPBF LTC1439IGW |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2 A DUAL SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
VNA-23 |
.: -25C to 70C/40C to 70C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regulated, Switching High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
|
MINI[Mini-Circuits]
|
MIC2845A-SCYMT MIC2845A-MFYMT MIC2845A-PGYMT MIC28 |
High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM Control and Dual Low IQ LDOs High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM?/a> Control and Dual Low IQ LDOs
|
Micrel Semiconductor
|
WP59BL_EGW WP59BL/EGW WP59BL/EYW WP59BL-EGW WP59BL |
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY RED/YELLOW, 5 mm T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY RED/GREEN, 5 mm ROHS COMPLIANT PACKAGE-3
|
Kingbright Corporation. Kingbright, Corp.
|
LT1372CS8PBF LT1377CS8PBF LT1377CS8TR |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.7 A SWITCHING REGULATOR, 1160 kHz SWITCHING FREQ-MAX, PDSO8 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.7 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|