PART |
Description |
Maker |
K5A22NAG K5A22NAU K5A2AG K5A2AU K5A24NAG |
Snap Action Key Switch Switch KEYPAD SWITCH, SPST, MOMENTARY, 0.1A, 50VDC, 4 N, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
DG3157DL-T1 DG3157DL-T1-E3 DG315708 |
2-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO6 High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
|
Vishay Siliconix
|
46256LFRX |
Slide Switch; Circuitry:DPDT; Contact Current Max:3A; Switch Terminals:Solder Lug; Mounting Type:Solder Lug; Switch Features:Screwdriver-Slotted Flush Actuator RoHS Compliant: Yes SLIDE SWITCH, DPDT, LATCHED, 0.5A, 125VDC, PANEL MOUNT
|
Switchcraft, Inc.
|
BESM18MI-NSC-50B-S04G BESM12MI-NSC-20B-S04G BESM18 |
PROXIMITY SWITCH M12 PNP PROXIMITY SWITCH M30 PNP COVER FUSE TRANSPRNT FOR 656/658 PROXIMITY SWITCH M8 PNP PROXIMITY SWITCH M8 NPN PROXIMITY SWITCH M30 NPN PROXIMITY SWITCH M18 PNP PROXIMITY SWITCH M18 NPN 近接开关株M18 npn PROXIMITY SWITCH M12 NPN 近接开关M12 npn
|
Unisonic Technologies Co., Ltd.
|
B3F B3M B3S B3KN3 B4TU20 B4TU11 B4TU01 B3SARO BS3D |
LAMP HOLDER MOUNTING COLLAR 22.5MM SWITCH HEAD 22.5MM SELECTOR 3WAY CONTACT BLOCK 2N/O CONTACT BLOCK 1N/C SWITCH HEAD 22.5MM KEY 2WAY Glass Passivated Rectifier Diodes PILOT LIGHT HEAD 22.5MM BLUE SWITCH HEAD 22.5MM ILLUMIN. BLUE SWITCH HEAD 22.5MM FLUSH BLUE SWITCH HEAD 22.5MM ILLUMIN. WHITE SWITCH HEAD 22.5MM KEY 3WAY SWITCH HEAD 22.5MM FLUSH BLACK 开关头22.5毫米镶入 SWITCH HEAD 22.5MM ILLUMIN. RED 开关头22.5毫米ILLUMIN。红 SWITCH HEAD 22.5MM ILLUMIN. YELLOW 开关头22.5毫米ILLUMIN。黄 CONTACT BLOCK 1N/O 1N/C 接点1N的输输出1N
|
Square D by Schneider Electric Microchip Technology, Inc.
|
ADG333A ADG333ABN ADG333ABR ADG333ABRS ADG333 |
Quad SPDT Switch QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP20 5 V Quad SPST Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
BCM532504 BCM5325 BCM5325FKQMG |
5-Port 10/100 Switch From old datasheet system FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER Unmanaged Integrated 10/100BASE-T/TX 5/6-Port Switch
|
BOARDCOM[Broadcom Corporation.] http://
|
NC7SB315708 FSA3157L6X FSA3157P6X NC7SB3157P6X NC7 |
Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
|
Fairchild Semiconductor
|
SW-214 SW-214PIN |
SWITCH FUSIBLE GD 240V 60A 3P NEMA3R GaAs SPST Switch DC - 3 GHz
|
Tyco Electronics
|
UPD22100 UPD22100C UPD22100GS UPD22148 UPD22148CA |
DSP-CROSSBAR SWITCH, PDIP22 CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
|
NEC Corp. NEC[NEC]
|
|