PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AT83C24B-PRTIM AT83C24B-PRTIL AT83C24NDS-TISUM AT8 |
Smart Card Reader Interface with Power Management
|
ATMEL[ATMEL Corporation]
|
W83627SF |
W83627F plus Smart Card Reader Interface, VID Control, GP I/O
|
Winbond Electronics
|
AT83C24NDS-TISIL AT83C24NDS-TIRIM |
Smart Card Reader Interface with Power Management Smart Card Reader Interface with Power Management
|
http:// ATMEL Corporation
|
AT83C22OKXXX-RDRIM AT83C22OK AT83C22OKXXX-RDTIM AT |
CardMan. Smart card interface. xxx - firmware version. Smart Card Interface Compliant with ISO 7816 and EMV 2000
|
ATMEL Corporation
|
AU9510F AU9510F05 |
From old datasheet system AU9510F USB Smart Card Reader Controller Technical Reference Manual AU9510F USB Smart Card Reader Controller Technical Reference Manual
|
Alcor Micro Corp List of Unclassifed Manufacturers ETC[ETC]
|
10010556-010LF 10010556-011LF 10010556-012LF 10010 |
SMART CARD READER ASSEMBLY
|
FCI connector
|
73S1210F |
Self-Contained Smart Card Reader
|
Teridian Semiconductor
|
7432E0225S01 7332E0225S01 7332E0225S01LF 7432E0225 |
SMART CARD READER VXX 27790
|
FCI-CONNECTOR[FCI connector]
|
73S1210F-44MR/F/PD 73S1210F-44M/F/PC 73S1210F-44MR |
Self-Contained Smart Card Reader with PINpad and Power Management
|
MAXIM - Dallas Semiconductor
|
73S1209F-68IM/F 73S1209F-68IMR/F 73S1209F-44IMR/F |
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor Corporation
|
AT83C25OK |
AT83C25OK is based on an Atmel C51 MCU and includes OMNIKEY?firmware. It is a single-chip ready-to-use solution that can be quickly and easily integrated into any PCMCIA smart card reader.
|
Atmel
|