PART |
Description |
Maker |
PE8225 |
DC Block on Inner Conductor 50 Ohm 2.92mm Male to 2.92mm Female Operating From 10 MHz to 40 GHz
|
Pasternack Enterprises,...
|
PE7088-0 |
0 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
PE7088-8 |
8 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
PE7088-2 |
2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
PE7088-4 |
4 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
PE44233 |
2.92mm Male Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .340 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE9648 |
Precision 4 Hole Flange 2.92mm Female
|
Pasternack Enterprises,...
|
M80-4655005 M80-4753405 M80-4651242A M80-4650642A |
50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek DIL Female Large Bore Crimp Connector, Extended Wall, gold clip gold shell, no jackscrews, 17 17-way 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Linear Technology, Corp. Harwin PLC HARWIN INC
|
PO21M-6P-SA PO21M-6P-SA-S PO21M-6S-PA PO21M-6S-PA- |
2mm Hard Metric Coaxial Connector 2mm的硬公制同轴连接 BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, RECEPTACLE KPSE01F16-8PF0 2mm的硬公制同轴连接 CONNECTOR 连接 CABLE TERMINATED, FEMALE, RF CONNECTOR, JACK CABLE TERMINATED, MALE, RF CONNECTOR, PLUG
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. Vectron International, Inc. HIROSE ELECTRIC Co., Ltd.
|
15-04-5221 15-04-5184 15-04-5424 15-04-5421 15-04- |
SL ItmCp DR O/Ribs 22Ckt 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 42Ckt 42 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 38Ckt 38 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 34Ckt 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR O/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR SL ItmCp DR W/Ribs 36Ckt 36 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045181 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Multipole Connector; Number of Contacts:50; Series:SL; Body Material:Polyester; Number of Rows:2 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR 15045341 34 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; No. of Contacts:40; Series:SL RoHS Compliant: Yes 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR Clip; For Use With:Dual row panel mount or headers; Connector Body Material:Polyester; Mounting Type:Panel Mount; Number of Contacts:12; Series:SL SL ItmCp DR O/Ribs 38Ckt SL ItmCp DR W/Ribs 30Ckt
|
Molex, Inc. MOLEX INC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
|