PART |
Description |
Maker |
NZG150-500K |
Legacy 100 Hz to 500 kHz
|
Micronetics, Inc.
|
NZG5-500K |
Legacy 100 Hz to 500 kHz
|
Micronetics, Inc.
|
NMA2010-A2S |
Legacy 100 kHz to 1000 MHz
|
Micronetics, Inc.
|
AD1385TD/883B AD1385 |
16-Bit 500 kHz Wide Temperature Range Sampling ADC(16浣?00kHz瀹芥俯搴???撮??妨/D杞???? 16-Bit 500 kHz Wide Temperature Range Sampling ADC 1-CH 16-BIT FLASH METHOD ADC, PARALLEL ACCESS, CDIP48 16-Bit 500 kHz Wide Temperature Range Sampling ADC(1600kHz宽温度范围采样A/D转换
|
Analog Devices, Inc.
|
NMA2006-A2S |
Legacy 100 Hz to 30 MHz
|
Micronetics, Inc.
|
NMA2003-A2S |
Legacy 100 Hz to 1 MHz
|
Micronetics, Inc.
|
NZG100-2M |
Legacy 100 Hz to 2 MHz
|
Micronetics, Inc.
|
NZG100-5M |
Legacy 100 Hz to 5 MHz
|
Micronetics, Inc.
|
NZG25-5M |
Legacy 100 Hz to 5 MHz
|
Micronetics, Inc.
|
NMA2104-A1E |
Legacy 100 Hz to 3 MHz
|
Micronetics, Inc.
|
|