PART |
Description |
Maker |
PE-52627 PE-52629 PE-52625 PE-52649 PE-52628 PE-52 |
LTC1701 Evaluation Kit Standard Low Power Inductors - Switch Mode Power Converters and Ripple Filters LTC1773EMS Evaluation Kit LTC3401EMS10 Evaluation Kit LTC1876 Evaluation Kit LTC1960 Evaluation Kit LTC1700EMS Evaluation Kit 3.3V Micropower EIA/TIA-562 Transceiver LTC1771EMS8 Evaluation Kit 标准低功率电感器-开关电源转换器和过滤器纹波
|
Electronic Theatre Controls, Inc.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
5962-8751305XX 5962-8751304VX 5962-8751307VA 5962- |
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies Evaluation Kit for the MAX8538 Evaluation Kit for the MAX8545, MAX8546, MAX8548 x4 SRAM x4的SRAM Evaluation Kit for the MAX8533 x1的SRAM Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias x1的SRAM High-Speed, Wide-Input, Single-Phase MOSFET Driver x4的SRAM Evaluation Kit for the MAX8530, MAX8531 x1的SRAM
|
Bel Fuse, Inc. Diotec Semiconductor AG Honeywell International, Inc.
|
27C256RPDS-30 27C256RPFE-15 27C256RPFE-17 27C256RP |
Video Op Amp Evaluation Kit for the MAX3996 Evaluation Kit for the MAX4060 Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps Evaluation Kit for the MAX4063 Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Evaluation Kit for the MAX4000, MAX4001, MAX4002 x8存储 x8 EPROM x8存储 Precision Video Buffer Amplifier x8存储 Ultra-Low Offset Voltage Operational Amplifier x8存储
|
Atmel, Corp. HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Vishay Intertechnology, Inc. Superior Electric
|
2664AJ 2664AK 2664AL |
Evaluation Kit for the MAX2338 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for the MAX2335 HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
|
Bel Fuse Inc.
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
MAX1587AEVCMAXQU |
MAX1587A Evaluation Kit/Evaluation System
|
MAXIM - Dallas Semiconductor
|
MAX6651EVCMAXQU |
MAX6651 Evaluation Kit/Evaluation System
|
MAXIM - Dallas Semiconductor
|
MAX6642EVKIT |
Evaluation System/Evaluation Kit for the MAX6642
|
Maxim
|