PART |
Description |
Maker |
MIC4421A MIC4421AAM MIC4421ABM MIC4421ABN MIC4421A |
High peak-output current: 9A Peak (typ.) 9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
|
MIC GROUP RECTIFIERS Micrel Semiconductor
|
BD814 BD844 |
SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):8A; Peak Non Repetitive Surge Current, Itsm:100A; Gate Trigger Current Max, Igt:200uA 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1.5AI(丙)|02AA
|
Teridian Semiconductor, Corp.
|
BDW21A |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:20A; Gate Trigger Current Max, Igt:500uA Bipolar NPN Device in a Hermetically sealed TO3
|
Glenair, Inc. Seme LAB
|
STK10C68-S30I STK10C68-C30I |
NVRAM (EEPROM Based) Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:10mA; Package/Case:3-TO-92; Current, It av:0.8A; Holding Current:15mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:25mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:35mA NVRAM中(EEPROM的基础
|
Cypress Semiconductor, Corp.
|
A290021T-120 A290021TL-55 A290021T-90 A290021TL-12 |
256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K × 8位CMOS 5.0伏只,引导扇区闪 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Current, It av:25A; Forward Current:24A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Forward Current:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes MB 32C 32#20 SKT RECP SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes MB 6C 6#20 PIN RECP Reed Switch; Pull-In Amp Turns Max:20; Pull-In Amp Turns Min:10; Circuitry:SPST-NO; Switching Current Max:0.5A; Switching Voltage Max:200V; Mounting Type:Surface Mount; Contact Rating:10 VA; Supply Current:1.5A RoHS Compliant: Yes RELAY, REED SPDT 12VDC SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Forward Current:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Limit Switch,VERTICAL R/A,SPDT,ON-(ON),QUICK CONNECT Terminal,SIMULATED ROLLER SWITCHES 256K X 8 Bit CMOS 5.0 Volt-only/ Boot Sector Flash Memory
|
AMIC Technology, Corp. AMIC Technology Corporation
|
LS31801111 LS3180-GK LS3180-H LS3180-J LS3180-JM L |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:25mA; Current, It av:8A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes T1毫米)广角发光二极管 T1 (3mm) WIDE ANGLE LED LAMP T1毫米)广角发光二极管
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
ISPPAC-CLK5610V-01T48C ISPPAC-CLK5610V-01T48I ISPP |
LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:525nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 Spot Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:470nm 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:470nm 在系统可编程,零延迟时钟发生器通用扇出缓冲 In-System Programmable, Zero-Delay Clock Generator with Universal Fan-Out Buffer 在系统可编程,零延迟时钟发生器通用扇出缓冲 LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No Spot Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:160mA; Supply Voltage:30VDC; Wavelength:530nm Backlight LED; Color:Red; Digit/Alpha Height:70mm; Forward Current:250mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:70x70mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED On-Axis Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:100x100mm; Peak Reflow Compatible (260 C):No; Supply Current:500mA; Supply Voltage:24VDC; Wavelength:520nm LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA Backlight LED; Color:Red; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:530nm LED Area Light; LED Color:Green; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA; Supply Voltage:24VDC; Wavelength:525nm
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
ISPPAC-CLK5510V-01T48C ISPPAC-CLK5510V-01T48I ISPP |
LED Area Light; Forward Current:300mA; Operating Temperature Range:0 C to 50 C; LED Color:Red; Leaded Process Compatible:No; Light Emitting Area:80x80mm; Peak Reflow Compatible (260 C):No; Supply Current:250mA LED Area Light; LED Color:Blue; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:200mA; Supply Voltage:24VDC; Wavelength:470nm Backlight LED; Color:Infrared; Digit/Alpha Height:85mm; Forward Current:500mA; Operating Temperature Range:0 C to 50 C; Leaded Process Compatible:No; Light Emitting Area:85x220mm; Peak Reflow Compatible (260 C):No LED Area Light; LED Color:Infrared; Leaded Process Compatible:No; Light Emitting Area:62x62mm; Peak Reflow Compatible (260 C):No; Supply Current:150mA; Supply Voltage:24VDC; Wavelength:940nm Linear Array Light; LED Color:Green; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:1.6A; Supply Voltage:24VDC; Wavelength:530nm Linear Array Light; LED Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Current:800mA; Supply Voltage:24VDC; Wavelength:470nm 5500 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 In-System Programmable Clock Generator with Universal Fan-Out Buffer 5500 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AMS1073 |
1.2A Peak Output Current
|
Advanced Monolithic Systems Ltd
|
STK13C68-C25 STK13C68-5S25 STK13C68-5S45 STK13C68- |
FUSE 5A SLO-BLO PICO SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:200uA SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:30A; Gate Trigger Current Max, Igt:50uA PC Board Fuse; Current Rating:250mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Very Fast Acting; Leaded Process Compatible:No PC Board Fuse; Current Rating:500mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No PC Board Fuse; Current Rating:375mA; Voltage Rating:125V; Fuse Terminals:SMT Caps; Body Material:Ceramic; Fuse Size/Group:6.10 x 2.69 x 2.69mm; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No Cartridge Fuse; Current Rating:0.062A; Voltage Rating:125V; Fuse Type:Very Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating:125V RoHS Compliant: No NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Microchip Technology, Inc. Electronic Theatre Controls, Inc.
|
|