PART |
Description |
Maker |
LTC2220-1 2220-1F |
12-Bit,185Msps ADC From old datasheet system
|
linear
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
MAX11100 EL2423J/883B MAX148BCAP-T MAX148BCAPT MAX |
16-Bit, 5V, 200ksps ADC with 10μA Shutdown Quad De-Compensated High Speed Operational Amplifier 四德补偿的高速运算放大器 2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 3V, 8-Bit ADC with 1µA Power Down 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO20 3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers 1-CH DELTA-SIGMA ADC, PDSO28 CMOS, 1.3µs, 8-Bit ADC with Voltage Reference and Track/Hold 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP20
|
Maxim Integrated Products, Inc.
|
AD7823 AD7823YN AD7823YR AD7823YRM |
1.2V, 12 Bit 200KSPS, Serial ADC 6-SOT-23 -40 to 85 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD7895AN-10 AD7895AR-10 AD7895AR-2 AD7895AR-3 AD78 |
True Bipolar Input, 5 V Single Supply, 12-Bit, Serial 3.8 µs ADC in 8-Pin Package 5 V/ 12-Bit/ Serial 3.8 ms ADC in 8-Pin Package 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
AD7665ASTZRL AD7665ACPZ AD7650 AD7660 AD7673 |
16-Bit 570 kSPS Bipolar PulSAR® ADC 4-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQFP48 16-Bit, 570 kSPS CMOS ADC 16-Bit, 570 kSPS CMOS ADC
|
Analog Devices, Inc.
|
AT84XAS003TP AT84AS003 AT84AS003CTP AT84AS003VTP A |
10-bit 1.5 Gsps ADC with 1:4 Demultiplexed output. The AT84AS003 is the first ADC on the market breaking the 8.0 ENOB barrier at ... 10-bit 1.5 Gsps ADC With 1:4 DMUX
|
ATMEL Corporation Atmel Corp.
|
LTC2401 LTC2402 LTC2401CMS LTC2401IMS LTC2402I 240 |
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 1-/2-Channel 24-Bit mPower ADC From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX1062CCUB-T |
14-Bit, 5V, 200ksps ADC with 10µA Shutdown 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Maxim Integrated Products, Inc.
|
AD679 AD679BJ AD679AJ |
14-Bit 128 kSPS Complete Sampling ADC 1-CH 14-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC44
|
Analog Devices, Inc.
|
CS5345-CQZ CS5345-CQZR CIRRUSLOGICINC-CS5345-DQZR |
104 dB, 24-Bit, 192 kHz Stereo Audio ADC 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQFP48
|
Cirrus Logic, Inc.
|
|