PART |
Description |
Maker |
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V2576S IDT71V2578S IDT71V2578YS150BG IDT71V25 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 IC LOGIC 3253 LOW-VOLTAGE DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER -40 85C TSSOP-16 96/TUBE 256K X 18 CACHE SRAM, 4.2 ns, PBGA119 RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1V-vf 50ns 5uA-ir DO-41 5K/REEL-13 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K的米656 × 18 3.3同步SRAM.5VI / O的流水线输出,脉冲计数器,单周期取消 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA165 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PBGA119 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 4.2 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 256K X 18 CACHE SRAM, 3.8 ns, PQFP100 128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect 128K X 36 CACHE SRAM, 4.2 ns, PQFP100 IC LOGIC 3257 LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER -40 85C QSOP-16 97/TUBE
|
http:// Integrated Device Technology, Inc.
|
IS61SP12836 |
128K x 36 Synchronous Pipelined SRAM(128K x 36 同步流水线静态RAM) 128K的同步流水线× 36的SRAM28K的36同步流水线静态内存)
|
Integrated Silicon Solution, Inc.
|
IS61LF12832A IS61LF12832A-6.5B2 IS61LF12832A-6.5B3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IDT70V7599S IDT70V7599S-133BCI IDT70V7599S-133BFI |
128K x 36 Synchronous Bank-Switchable Dual-Port SRAM HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V28K的36 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接
|
IDT Integrated Device Technology, Inc.
|
CXK77B1841AGB CXK77B3641AGB |
4Mb Late Write LVTTL High Speed Synchronous SRAM (128K x 36Bit)(4M位、写延迟LVTTL高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速同步SRAM28K的x 36Bit)(4分位,写延迟LVTTL高速同步静态随机存储器28K的36位) 4Mb Late Write LVTTL High Speed Synchronous SRAMs (128K x 36Bit)(4M位、写延迟、高速逻辑收发(HSTL)、高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速(128K的x 36Bit)(4分位,写延迟,高速逻辑收发(HSTL),高速同步静态随机存储器28K的36位)同步静态存储器
|
Sony, Corp.
|
IS61VPS12836A IS64LPS25618A |
128K x 32 / 128K x 36- 256K x 18 4Mb SYNCHRONOUS PIPELINED / SINGLE CYCLE DESELECT STATIC RAM 128K x 32/ 128K x 36/ 256K x 18 4 Mb SYNCHRONOUS PIPELINED SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution
|
AS7C3128PFS36A AS7C3128PFS32 AS7C3128PFS36A-4TQC A |
128K x 36 synchronous SRAM, 133 MHz 128K x 36 synchronous SRAM, 150 MHz 128K x 36 synchronous SRAM, 166 MHz 128K x 32 synchronous SRAM, 100 MHz 128K x 32 synchronous SRAM, 133 MHz 128K x 32 synchronous SRAM, 150 MHz 128K x 32 synchronous SRAM, 166 MHz 128K X 32 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 3.8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 3.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K x 32/36 synchronous SRAM
|
Alliance Semiconductor, Corp.
|
CY7C0832AV-133AC CY7C0832AV-133AXC CY7C0832AV-133A |
FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM 256K X 18 DUAL-PORT SRAM, 4 ns, PQFP120 FLEx183.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM 64K X 18 DUAL-PORT SRAM, 4 ns, PQFP120 FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
http:// Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
A43L8316AV-5 A43L8316AV-5.5 A43L8316AV-6 A43L8316A |
Cycle time:5ns; 200MHz CL=3 access time:4.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:5.5ns; 183MHz CL=3 access time:5.0ns 128K x 16bit x 2banks synchronous DRAM Cycle time:6ns; 166MHz CL=3 access time:5.5ns 128K x 16bit x 2banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:6.0ns 128K x 16bit x 2banks synchronous DRAM
|
AMIC Technology
|
GS840E18 GS840E36B-166I GS840E18B-166I GS840E32T-1 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 8.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8.5 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
|