PART |
Description |
Maker |
BA3518F-T1 BA3528FP-T1 BA3506AFT1 BA3506AFE1 BA350 |
0.031 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO16 SOP-16 0.034 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO28 HSOP-28 0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 0.04 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 5.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM12 5.2 W, 2 CHANNEL, AUDIO AMPLIFIER, PSFM10
|
Intel, Corp.
|
KSB1116S KSB1116SYBU KSB1116SYTA KSB1116SYTANL |
PNP Epitaxial Silicon Transistor Audio Frequency Power Amplifier Medium Speed Switching From old datasheet system Audio Frequency Power Amplifier Medium Speed Switching
|
FAIRCHILD[Fairchild Semiconductor]
|
2SA1588 E000541 |
TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER/ DRIVER STAGE AMPLIFIER/ SWITCHING APPLICATIONS TRANSISTOR (AUDIO FREQUENCY LOW POWER AMPLIFIER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS AUDIO FREQUENCY LOW POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS SWITCHING APPLICATIONS From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
2SC4118 E000908 TOSHIBACORPORATION-2SC4118 |
NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING SPPLICATIONS) From old datasheet system AUDIO FREQUENCY LOW POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS SWITCHING APPLICATIONS NPN EPITAXIAL TYPE (AUDIO FREQUENCY LOW POWER/ DRIVER STAGE AMPLIFIER/ SWITCHING SPPLICATIONS)
|
Toshiba Corporation Toshiba Semiconductor
|
2SA562TM E000596 |
From old datasheet system AUDIO FREQUENCY LOW POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS SWITCHING APPLICATIONS TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
|
ETC Toshiba Semiconductor
|
MAX636 MAX637 MAX637A MAX637B MAX637XC MAX637XCJA |
0.525 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO8 0.150 INCH, SO-8 150-mW Stereo Headphone Audio Amplifier, Pin Compatible with LM4880 and LM4881 8-SOIC -40 to 85 150-mW Stereo Headphone Audio Amplifier, Pin Compatible with LM4881 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:17000uF RoHS Compliant: Yes From old datasheet system Preset/Adjustable Output CMOS Inverting Switching Regulators
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
AD1994-15 |
Audio Switching Amplifier
|
Analog Devices
|
HN4B04J |
Audio Frequency General Purpose Amplifier Applications Driver Stage Amplifier Applications Switching application
|
Toshiba Semiconductor
|
TDA8547 TDA8547T |
2 x 1 W BTL audio amplifier with output channel switching
|
PHILIPS[Philips Semiconductors]
|
MAX6326-22D MAX6326-22W MAX6326-23D MAX6326-23W MA |
3-pin ultra-low power SC70/SOT microprocessor reset circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 BACKSHELL 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 CLAMP 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 350-mW Stereo Class-AB Audio Amplifier 8-SOIC CONNECTOR 350-mW Mono Class-AB Audio Amplifier 8-SOIC 9-W Stereo Class-D Audio Power Amplifier with Volume Control (TPA3002) 48-HTQFP -40 to 85 20-W Mono Class-D Audio Power Amplifier (TPA3001) 24-HTSSOP -40 to 85 40-W Mono Class-D Audio Power Amplifier (TPA3106) 32-HLQFP -40 to 85 10-W Stereo Class-D Audio Power Amplifier (TPA3101) 48-VQFN -40 to 85
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
GC509 GC509-CHIP GC509-MCRO |
AUDIO AMPLIFIER, PDSO10 GC509 - Class A Amplifier with 3 Independent Gain Blocks GC509 - A类放大器3独立增益模块 AUDIO AMPLIFIER, UUC10
|
GENNUM[Gennum Corporation] Samsung Semiconductor Co., Ltd.
|