PART |
Description |
Maker |
APT5010LLC APT5010B2LC APT5010B2LC-06 |
47 A, 500 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs. POWER MOS VI 500V 47A 0.100 Ohm
|
Advanced Power Technolo... Advanced Power Technology Ltd.
|
STP9NK70ZFP STW9NK70Z STB9NK70Z-1 STB9NK70ZFP STB9 |
N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道高达700V - 1ohm - 7.5A的TO-220/FP/D2PAK/I2PAK/TO-247齐保护的SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
2SK2487 2SK2487-A |
8 A, 900 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET MOS Field Effect Transistor SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
|
NEC[NEC]
|
NP48N055KHE NP48N055KHE-E1-AY NP48N055KHE-E2-AY NP |
48 A, 55 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
|
NEC
|
UPA1950 UPA1950TE UPA1950TE-T2 UPA1950TE-T1 |
2.5 A, 12 V, 0.205 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING Pch enhancement-type MOS FET
|
NEC[NEC]
|
5N70K 5N70KG-TF3-T 5N70KL-TF3-T |
5A, 700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
4N70KL-TF3-T 4N70KG-TF3-T |
4.4A, 700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
9N70L-TA3-T 9N70G-TA3-T |
9A, 700V N-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
FSBH0F70A10 FSBH0170A FSBH0170NY FSBH0370NY FAIRCH |
2A/700V 100kHz Power Switch 1A/700V 100kHz Power Switch; Package: 8-DIP; Container: Rail 3A/700V 100kHz Power Switch; Package: 8-DIP; Container: Rail 1.3 A SWITCHING CONTROLLER, 106 kHz SWITCHING FREQ-MAX, PDIP8 Green Mode Fairchild Power Switch
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
APT6037HVR |
POWER MOS V 600V 15.5A 0.370 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT6045CVR APT5024BVFR |
POWER MOS V 600V 11.8A 0.450 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|