PART |
Description |
Maker |
1-178314-3 1-178314-2 1-178314-5 |
4 POS SINGLE ROW VERTICAL HDR ASSY FOR DYNAMIC 310
|
Tyco Electronics
|
171825-6 |
Crimp Termination ( EI Series Connectors ); POST HDR ASSY VERT AMP EI CONN ( AMP )
|
Tyco Electronics
|
52135-0360 52135-0660 |
SL Vert Hdr Tin 3Ckt White LF# 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER SL Vert Hdr Tin 6Ckt White LF#
|
Molex, Inc. MOLEX INC
|
54202-G0805ALF |
.100 UNSHROVDED HDR. DUAL ROW VERT. SMT.
|
FCI connector
|
1-1827876-0 2-1827876-4 1-1827876-2 2-1827876-6 2- |
THIS DRAWING IS A CONTROLLED DOCUMENT. DYNAMIC D1200D 2.5mm PITCH HDR ASSY DYNAMIC DI200D 2.5mmPITCH HDR ASSY (H-TYPE)
|
TE Connectivity Ltd Tyco Electronics
|
6-102618-0 6-102618-1 6-102618-2 6-102618-3 6-1026 |
HDR ASSY, MOD II SHROUDED, 4 SIDES, DBL ROW, VERTICAL, .100X.100 C/L, WITH .025 SQ POSTS HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, VERTICAL, .100 x .100 C/L, WITH .025 SQ POSTS
|
Tyco Electronics
|
2-104433-3 2-104433-4 |
HEADER ASSY, MOD II, BREAKAWAY, DBL ROW, .100X.100 C VERT, .025 SQ POSTS, WITH RETENTION FEATURE
|
Tyco Electronics
|
6-104317-0 6-104317-1 6-104317-6 6-104317-5 6-1043 |
HDR ASSY, MOD II, SHROUDED, 4 SIDES, DBL ROW, VERTICAL, .100X.100 CL, WITH .025 SQ POSTS
|
Tyco Electronics
|
44769-2403 44769-2003 44769-0601 44769-0801 44769- |
Micro-Fit BMI Vt Hdr F DR 30Au 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Micro-Fit BMI Vt Hdr F DR 30Au 20Ckt 20 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 6POS VERT TIN PCB 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 8POS VERT TIN PCB 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 4POS VERT TIN PCB 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 10POS 3MM VERT PCB 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
42820-2342 42820-2243 42820-2212 42820-2213 42820- |
MiniFit Sr Hdr Assy 250 2 Ckt Tin 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit Sr Hdr Assy 250 Clip 2 Ckt Gold 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Pin Header; Number of Contacts:2; Pitch Spacing:10mm; Number of Rows:1; Gender:Header; Series:42820; Body Material:PA Polyamide (Nylon) 4/6; Color:Black; Connecting Termination:Thru-Hole; Contact Plating:Tin-Lead 428202213 428202232 MiniFit Sr Hdr Assy 093 Clip 2 Ckt Gold
|
Molex, Inc. MOLEX INC
|
|