PART |
Description |
Maker |
SD708 |
(SD705 - SD708) SINGLE AXIS IN PLANE OR OUT OF PLANE GYROSCOPE
|
SensorDynamics
|
10723A 10701A 10703A 10704A 10707A 10710A 10710B 1 |
10723A High-Stability Adapter 10701A 50% Beam Splitter 10703A Retroreflector 10704A Retroreflector 10707A Beam Bender 10710A Adjustable Mount 10710B Adjustable Mount 10711A Adjustable Mount 10567A 50% Dual Beam Splitter 10725A 50% Beam Splitter 10725B 10725B 4% Beam Splitter 10722A Plane Mirror Converter 10724A Plane Mirror Reflector 10726A Beam Bender 10728A Plane Mirror
|
Agilent (Hewlett-Packard)
|
28F320D18 29067202 |
1.8 Volt Intel? Dual-Plane Flash Memory From old datasheet system
|
Intel
|
ISL6328CRZ |
Dual PWM Controller For Powering AMD SVI Split-Plane Processors
|
Intersil Corporation
|
ACLM4594FC361K ACLM4594FC36R ACLM4586FC361K ACLM48 |
20 MHz - 500 MHz RF/MICROWAVE LIMITER 1000 MHz - 2000 MHz RF/MICROWAVE LIMITER 18000 MHz - 26500 MHz RF/MICROWAVE LIMITER 100 MHz - 2000 MHz RF/MICROWAVE LIMITER
|
|
HPA-8003 |
HPA-8003 H-Plane Array HPA-8003 H-Plane Array
|
TDK Semiconductor ETC TDK[TDK Electronics]
|
AD608 |
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem(低功耗混合器/Limiter/RSSI 3V接收器IF子系 Low Power Mixer/Limiter/RSSI 3V receiver IF Subsystem
|
Analog Devices, Inc.
|
A1822 A1822B A1812 A1812A A1812B A1822A |
VHF NO GROUND PLANE ANTENNA
|
List of Unclassifed Manufacturers
|
PE-W12CP001-20 |
WR-12 20 dB Directional Waveguide Coupler With UG-387 - U Flange and H-Plane Coupled
|
Pasternack Enterprises,...
|
749020013 |
all 24 terminals must lie on a plane within 004 of surface A after lead tinning
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
AT49BV160C AT49BV160CT |
16 M bit, 2.7-Volt, Sectored Flash, Single Plane, Top or Bottom Boot.
|
Atmel
|
STIL04-P5 |
AC inrush current limiter AC浪涌电流限制 AC INRUSH CURRENT LIMITER
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|