PART |
Description |
Maker |
TC660 TC660COA TC660CPA TC660EOA TC660EPA |
100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
TC112106 TC1121EOA713 |
100mA Charge Pump Voltage Converter with Shutdown
|
Microchip Technology
|
TC1121_06 TC1121 TC1121COA TC1121CPA TC1121CUA TC1 |
100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
R1250V301A R1250V301A-E2 R1250V401A-E2 R1250V201A |
Negative Output Charge Pump Regulator(100mA)
|
RICOH[RICOH electronics devices division] RICOM
|
CAT660 CAT660EPA CAT660ERD8 CAT660ESA CAT660ESA-TE |
100mA CMOS Charge Pump Inverter/Doubler
|
CATALYST[Catalyst Semiconductor]
|
RT9378 |
4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
|
Richtek Technology Corporation
|
MC1121DMR2 MC1121 ON0816 |
100mA Charge Pump Voltage Converter with Shutdown SWITCHED CAPACITOR CONVERTER, 200 kHz SWITCHING FREQ-MAX, PDSO5 PRELIMINARY INFORMATION From old datasheet system
|
ONSEMI[ON Semiconductor]
|
TC7662BEOA TC7662BCOA TC7662B TC7662BCPA TC7662BEP |
The TC7662B is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 15V input to a corresponding – 1.5 to – 15V output using only two low-cost capacitors, eliminating i Analog IC - Datasheet Reference CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
TC7662A02 TC7662AMJA TC7662ACPA TC7662AEPA TC7662A |
Charge Pump DC-to-DC Converter The TC7662A is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 3V to 18V input to a corresponding –3V to –18V output using only two low-cost capacitors, eliminating induct
|
MICROCHIP[Microchip Technology]
|
AL3157 AL3157F-7 |
Four-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
|
Diodes Incorporated
|
TC2682 TC2684EUA TC2682EUA TC2683EUA |
Inverting Charge Pump Voltage Doublers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TC2683 TC2684 |
Inverting Charge Pump Voltage Doublers
|
Microchip Technology Inc.
|