PART |
Description |
Maker |
SS248KSOT SS248KUA SS248ESOT SS248EUA SS248LUA SS2 |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
SS256LUA SS256LSOT SS256KUA SS256KSOT SS256EUA SS2 |
CMOS Omnipolar High Sensitivity Micropower Hall Switch
|
SEC Electronics Inc.
|
AH924811 AH9248NTR-G1 AH9248Z3TR-G1 |
High Sensitivity Micropower Omnipolar Hall-Effect Switch
|
BCD Semiconductor Manuf... Diodes Incorporated BCD Semiconductor Manufacturing Limited
|
AH1903 |
HIGH SENSITIVITY MICROPOWER UNIPOLAR/OMNIPOLAR SELECTABLE HALL-EFFECT SWITCH
|
Diodes
|
AH1822-FT4G-7 AH1822-FU4G-7 |
MICROPOWER OMNIPOLAR HALL EFFECT SWITCH MAGNETIC FIELD SENSOR-HALL EFFECT, 1-5.5mT, 0.30V, RECTANGULAR, SURFACE MOUNT GREEN, DFN3020H4-6 MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
|
Diodes, Inc. Diodes Inc. Diodes Incorporated
|
AH1891 AH1891-CA4-7 |
MINATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
|
Diodes Incorporated
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
BU52075GWZ-E2 |
Omnipolar Detection Hall IC
|
ROHM
|
CD4504BMS FN3336 CD4504BKMSR |
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation; Temperature Range: -; Package: 16-FlatPack HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, CDFP16 From old datasheet system Single, Strobed, High Speed Differential Comparator with Push-Pull Outputs 8-SOIC 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AH1804-FA-7 |
MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
|
Diodes Incorporated
|