PART |
Description |
Maker |
SLD302B |
Block-type 200mW High Power Laser Diode
|
Sony Corporation
|
SLD304B |
BLOCK-TYPE 1000MW HIGH POWER LASER DIODE
|
Sony Corporation
|
CZRB3030 CZRB3027 CZRB3075 CZRB3019 CZRB3018 CZRB3 |
Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Green/Yellow; Terminal Block Clamp Type:Screw Clamp Terminal Block; Wire Size (AWG):22-12; Mounting Type:DIN Rail; Color:Beige; Terminal Block Clamp Type:Screw Clamp Surface Mount Zener Diode
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
1697120000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2; Terminal Block Clamp Type:Screw Clamp
|
WEIDMULLER
|
FD2000DU-120 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 高功率,高频率,按包装类
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric, Corp.
|
PCH-15L2M001 PCH-112L2M001 PCH-19L2M001 PCH-16L2M0 |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.04A (COIL), 5VDC (COIL), 200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.023A (COIL), 9VDC (COIL), 200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.03A (COIL), 6VDC (COIL), 200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.009A (COIL), 24VDC (COIL), 200mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.006A (COIL), 48VDC (COIL), 400mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Power Dynamics, Inc.
|
FD1500AV-90 |
MITSUBISHI HIGH-FREQUENCY RECTIFIER DIODES HIGH POWER, HIGH FREQUENCY, PRESS PACK TYPE 600 A AC/DC CLAMP-ON DMM,TRMS RoHS Compliant: NA HIGH POWER/ HIGH FREQUENCY/ PRESS PACK TYPE
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
GBA35M GBA35M-15 |
Block Type Avalanche Automotive Rectifier Block Type Avalanche Automotive Rectifier Voltage Range 37-41 Volts Current 35 Amps
|
GOOD-ARK Electronics
|
25.171.0253.0 25.163.7253.0 25.161.7153.0 25.160.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5mm; Wire Size (AWG):12-22; Mounting Type:PC Board 16 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
|