PART |
Description |
Maker |
YB1200SC70S-2.6G YB1200SC70S-2.5G YB1200SC70S-1.8G |
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator 高精度超低噪声,高PSRR LDO稳压
|
YOBON TECHNOLOGIES, INC. YOBON TECHNOLOGIES,INC.
|
AD1139 AD1139J AD1139K |
High Accuracy, 18-Bit Digital-to-Analog Converter High Accuracy 18-Bit Digital-to-Analog Converter
|
AD[Analog Devices]
|
NCP590MNPPTAG NCP590MNOATAG NCP590MNDPTAG NCP590MN |
Dual Output, High Accuracy, Ultra Low Dropout CMOS LDO
|
ON Semiconductor
|
LTC2984-15 |
Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
|
Linear Technology
|
MAX4004 MAX4006 MAX4006EUT-T MAX4004EUT-T |
"?High-Accuracy, High-Side Current Monitor in SOT23" "?High-Accuracy, High-Side Current Monitor with internal resistive load in SOT23" High-Accuracy, High-Side Current Monitors in SOT23
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
RX5RW RQ5RW19BA RQ5RW16BA RD5RW22BA RX5RW60 RD5RW6 |
The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
|
RICOH electronics devices division
|
HSC HSCDAND060MG7A3 HSCDANN060MG7A3 HSCDDRD060MG7A |
TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
|
Honeywell Solid State Electronics Center Honeywell Solid State E...
|
ADP3307ART-3-REEL ADP3307ART-3-REEL7 ADP3307ART-2. |
OutputV: 3.3V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 3.2V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.85V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.7V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Analog IC 3 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
Analog Devices, Inc. TE Connectivity, Ltd.
|
ADR3412 ADR3420 ADR3425 ADR3430 ADR3433 ADR3440 AD |
Micro-Power, High-Accuracy 1.2V Voltage Reference Micro-Power, High-Accuracy 2.048V Voltage Reference Micro-Power, High-Accuracy 2.5V Voltage Reference Micro-Power, High-Accuracy 3.0V Voltage Reference Micro-Power, High-Accuracy 3.3V Voltage Reference Micro-Power, High-Accuracy 4.096V Voltage Reference Micro-Power, High-Accuracy 5.0V Voltage Reference
|
Analog Devices
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
ADP3307ART-33 ADP3307ART-32 |
High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP100 mA Low Dropout Linear Regulator 高精anyCAP⑩一○○毫安低压差线性稳压器
|
Analog Devices, Inc.
|