PART |
Description |
Maker |
RCP-3K1U-24 RCP-1000 RCP-1000-12 RCP-1000-24 RCP-1 |
1000 ~ 3000W Front End Power System
|
Mean Well Enterprises Co., Ltd.
|
3.0SMCJ40 |
3000W peak pulse power capability with a 10/1000us waveform
|
Bruckewell Technology L...
|
3KP170 3KP170A 3KP100A 3KP5.0A 3KP6.0A 3KP10 3KP11 |
Ppk=3000W, Vc=196V transient voltage suppressor KJL SERIES I 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Connector,D-Shell,PCB Mnt,PLUG,15 Contacts,SKT,0.050 Pitch,PC TAIL Terminal,#2-56 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 3000Watts Transient Voltage Suppressor 5.0 to 170 Volts 3000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Ppk=3000W, Vc=214V transient voltage suppressor Ppk=3000W, Vc=209V transient voltage suppressor
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
AD8592ARM-REEL |
Single CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifier with ±250 mA output Current and a Power-Saving Shutdown ...
|
Analog Devices
|
LGA679 LGA679-CO LSA679 LSA679-CO Q62703-Q2554 LYA |
LC SIDELED Low Current LED SINGLE COLOR LED, GREEN, 2.4 mm ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85%
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
POLS10-12T POLS10-12T-P POLS10-12TA-P |
10A Output Current Rating DC/DC Open Frame Power Supply Single Output
|
Wall Industries,Inc.
|
POLS16-05T-P POLS16-05TA-P |
16A Output Current Rating DC/DC Open Frame Power Converter Single Output
|
Wall Industries,Inc.
|
MAX549 MAX548 MAX548A MAX548ACPA MAX548ACUA MAX548 |
From old datasheet system 2.5V to 5.5V Low-Power Single/Dual 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual,8-Bit Voltage-Output DACs in μMAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in MAX Package 2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in レMAX Package
|
MAXIM[Maxim Integrated Products] Maixm
|
MAX4165 MAX4165EUK-T MAX4166 MAX4166EPA MAX4166ESA |
Quad, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp. High-Output-Drive / Precision / Low-Power / Single- Supply / Rail-to-Rail I/O Op Amps with Shutdown From old datasheet system High-Output-Drive Precision Low-Power Single- Supply Rail-to-Rail I/O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown Dual, high-output-drive, precision, low-power, single-supply 2.7V to 6.5V, Rail-to-Rail I/O op amp with swhutdown.
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|