PART |
Description |
Maker |
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PCI-1603 |
2-port RS-422/485 PCI Communication Card
|
Advantech Co., Ltd.
|
EKI-1528 EKI-1526 |
8-port RS-232/422/485 Serial Device Server
|
Advantech Co., Ltd.
|
EKI-1521 EKI-1522 |
1-port RS-232/422/485 Serial Device Server
|
Advantech Co., Ltd.
|
2745AJ 2745CA 2745CA2 2745AJ2 |
HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers T1/E1 Transformer 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers
|
Bel Fuse Inc.
|
MAX3480A MAX3480ACPI MAX3480AEPI MAX3480BCPI MAX34 |
From old datasheet system Complete Isolated 3.3V RS-485/RS-422 Data Interface Complete, Isolated, 3.3V RS-485/RS-422 Data Interface Complete / Isolated / 3.3V RS-485/RS-422 Data Interface Programmable 27-Bit Display Serial Interface Receiver 80-BGA MICROSTAR JUNIOR -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ST485ERXN ST485ER ST485ERBD ST485ERBDR ST485ERBN S |
LINE TRANSCEIVER, PDSO8 5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER 5kV的ESD保护,低功RS-485/RS-422收发 MAX II CPLD 2210 LE 256-FBGA 低功耗RS-485/RS422收发 LOW POWER RS-485/RS422 TRANSCEIVER
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MIOE-210 |
4 x RS232/422/485, 2 x RS422/485, 8-bit GPIO
|
Advantech Co., Ltd.
|
|