PART |
Description |
Maker |
25CTQ045S 25CTQ045-1 25CTQ 25CTQ035-1 25CTQ035S 25 |
45V 30A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-220AB package 35V 30A Schottky Common Cathode Diode in a D2-Pak package 35V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-220AB package 45V 30A Schottky Common Cathode Diode in a TO-220AB package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
InternationalRectifier IRF[International Rectifier]
|
30SCLJQ045 |
30A 45V Hi-Rel Schottky Common Cathode Diode in a SMD-0.5 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
MBR3045WT MBR3035WT |
30 Amp Schottky Rectifier(30 A 肖特基整流器) 45V 30A Schottky Common Cathode Diode in a TO-247AC package
|
International Rectifier
|
OM4202SC OM4202DC OM4202RC |
30A 45V Hi-Rel Schottky Common Cathode Diode in a TO-258AA package HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC] Omnirel Electronic Theatre Controls, Inc.
|
SBG3045CT-T-F |
RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 45V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 15 A, 45 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc. DIODES INC
|
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
MBRB2545CTT4 |
30A 45V Schottky Rectifier
|
ON Semiconductor
|
110CNQ045A 110CNQ045ASM 110CNQ045ASL |
45V 110A Schottky Common Cathode Diode in a D61-8-SL package 45V 110A Schottky Common Cathode Diode in a D61-8 package SCHOTTKY RECTIFIER New GenIII D-61 Package 110 Amp
|
IRF[International Rectifier]
|
MBR3045CTPBF |
Diode Schottky 45V 30A 3-Pin(3 Tab) TO-220AB
|
Vishay Semiconductors
|
60CIQ045 60CIQ045-15 |
SCHOTTKY RECTIFIER 45A 45V Hi-Rel Schottky Common Cathode Diode in a TO-259AA package
|
IRF[International Rectifier]
|
SB300-09R |
90V/ 30A Rectifier 90V 30A Rectifier 90V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|
SB300-05H |
50V/ 30A Rectifier 50V, 30A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
SANYO[Sanyo Semicon Device]
|