PART |
Description |
Maker |
M27V801-200P6TR M27V801 M27V801-120F1TR M27V801-12 |
NND - 8 MBIT (1MB X8) LOW VOLTAGE UV EPROM AND OTP EPROM Hex Inverting Drivers 14-PDIP 0 to 70 Hex Inverting Drivers 14-SO 0 to 70 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 8兆x8低压紫外线EPROM和检察官办公室存储器 Quadruple 2-Input Positive-AND Buffers/Drivers 14-SOIC 0 to 70 8兆x8低压紫外线EPROM和检察官办公室存储器 Hex Inverting Drivers 14-SOIC 0 to 70 8兆x8低压紫外线EPROM和检察官办公室存储器 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 81兆x8低压紫外线EPROM和检察官办公室存储器
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
M29W160 M29W160BB M29W160BB120M1T M29W160BB120M6T |
16 Mbit 2Mb x8 or 1Mb x16, Boot Block Low Voltage Single Supply Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29W800AT90M1T M29W800AT90M5T M29W800AT90M6T M29W8 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
|
STMicroelectronics
|
M29W800DB M29W800DT M29W800DB70M1T M29W800DB70M6T |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory Low-Power Configurable Multiple-Function Gate 6-SOT-23 -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆 8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 3V Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
M29F800D M29F800DB M29F800DB55N1F M29F800DT90M6E - |
8 Mbit (1Mb x8 or 512Kb x16 / Boot Block) 5V Supply Flash Memory 8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory 8兆(1兆x812KB的x16插槽,引导块V电源快闪记忆
|
ST Microelectronics STMicroelectronics N.V.
|
M27W101 M27W101-100B6TR M27W101-100F6TR M27W101-10 |
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB x8低压紫外线EPROM和检察官办公室存储器 Hex Drivers 14-SOIC 0 to 70 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 64 Mbit 4Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29F080D_05 M29F080D M29F080D55M1E M29F080D55M1F M |
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
M28W160CB70N1S M28W160CB70N1T M28W160CB70N6S M28W1 |
16 MBIT (1MB X16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 16 Mbit (1Mb x16/ Boot Block) 3V Supply Flash Memory
|
ST Microelectronics STMicroelectronics
|