PART |
Description |
Maker |
UPA812T-T1 UPA812 UPA812T UPA812TGB-T1 PA812T |
Low Noise, High Frequncy Amplifer NPN Transistor(楂??浣??澹版?澶у?NPN?朵?绠? Low Noise, High Frequncy Amplifer NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD TRANSISTOR | BJT | PAIR | NPN | 10V V(BR)CEO | 65MA I(C) | SOT-363
|
NEC[NEC] NEC Corp.
|
HA1-5114_883 HA1-5114883 HA4-5114883 HA-5114883 FN |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers SPACER,LED,T1-3/4,HEIGHT .130 EXPANDER From old datasheet system Quad/ Low Noise/ High Performance Uncompensated Operational Amplifier Quad, Low Noise, High Performance Uncompensated Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
CFY77 CFY77-08 CFY77-10 Q62702-F1559 Q62702-F1549 |
From old datasheet system AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
IDT70914S25PI IDT70914S25PB IDT70914S25P 70914_DS_ |
Low-Noise JFET-Input Operational Amplifier 14-PDIP 0 to 70 高6KK的9)同步双端口RAM High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 4K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 4K X 9 MULTI-PORT SRAM, 25 ns, PQCC68 High Speed Low-Noise JFET-Input Quad Operational Amplifier 20-LCCC -55 to 125 HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM From old datasheet system
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
BGA428 |
BGA428 High Gain/ Low Noise Amplifier BGA428 High Gain Low Noise Amplifier Silicon MMICs - 19dB LNA, 1.4...2.5GHz, NF=1.4dB, 50Ohm, SOT363
|
INFINEON[Infineon Technologies AG]
|
EC3H04C 1224 |
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier and OSC Applications From old datasheet system High-Frequency Low-Noise Amplifier and OSC Applications 高频低噪声放大器和OSC应用
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
LT1124A LT1125A 11245FAS LT1125 LT1125AC LT1125ACN |
Dual/Quad Low Noise/ High Speed Precision Op Amps Dual/Quad Low Noise High Speed Precision Op Amps Dual/Quad Low Noise, High Speed Precision Op Amps From old datasheet system Quad Low Noise, High Speed Precision Operational Amplifier Dual Low Noise, High Speed Precision Operational Amplifier
|
Linear Technology Corporation LINER[Linear Technology]
|
TPS78633KT |
Ultra-low Noise, High Psrr, Fast RF, High-Enable, 1.5A Low Dropout Regulator
|
TI
|