PART |
Description |
Maker |
K7N801845B K7N803645B DSK7N803645B K7N803649B-QC25 |
256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD.
|
K7N801809B K7N803609B |
256Kx36 & 512Kx18 Pipelined NtRAM
|
Samsung semiconductor
|
KM736V847 |
256Kx36-Bit Flow Through No Turnaround SRAM(256Kx36位数据流无返回静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MB86040 |
CMOS PIPELINED DIVIDER WITH 10-BIT DIVIDEND, 8BIT DIVISOR, AND 10-BIT QUOTIENT CMOS流水线分频器带有10位股息,8位除数,0位永
|
Fujitsu Microelectronics Fujitsu Media Devices Limited Fujitsu Limited Fujitsu Component Limited. Fujitsu, Ltd.
|
IDT71P72804 IDT71P72604 IDT71P72604S167BQ IDT71P72 |
1.8V 1M x 18 QDR II PipeLined SRAM 1.8V 512K x 36 QDR II PipeLined SRAM Storage, Cases Tools, Applicator RoHS Compliant: NA Nickel Cadmium Battery Pack; Voltage Rating:12V RoHS Compliant: NA SIGN, FIRE EXTINGUISHER, 100X200MM; RoHS Compliant: NA 18Mb Pipelined QDRII SRAM Burst of 2 35.7流水线推QDRII SRAM的爆 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.5 ns, PBGA165 18Mb Pipelined QDRII SRAM Burst of 2 2M X 9 QDR SRAM, 0.45 ns, PBGA165
|
IDT http:// Integrated Device Technology, Inc.
|
GS8321ZV36E-250I GS8321ZV36E-225I GS8321ZV36E-133 |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-TSSOP; Temperature Range: 0°C to 70°C 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 36 ZBT SRAM, 8 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 2M X 18 ZBT SRAM, 8.5 ns, PBGA165 36Mb Pipelined and Flow Through Synchronous NBT SRAM 1M X 32 ZBT SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
K7P803611M-H21 K7P801811M K7P801811M-H20 K7P801811 |
256Kx36 & 512Kx18 SRAM
|
SAMSUNG[Samsung semiconductor]
|
DP8051 |
Pipelined High Performance 8-bit Microcontroller
|
Digital Core Design
|
DP8051CPU |
Pipelined High Performance 8-bit Microcontroller
|
Digital Core Design
|