PART |
Description |
Maker |
UCLAMP2401T UCLAMP2401T.TCT |
Low Profile μClampTM 1-Line ESD protection Low Profile レClampTM 1-Line ESD protection
|
Semtech Corporation
|
UCLAMP2511T UCLAMP2511T.TCT |
Low Profile Clamp 1-Line ESD protection
|
Semtech Corporation http://
|
MAX1488 MAX1488E MAX1488ECPD MAX1488ECSD MAX1488EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 【15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 15kV ESD-Protected / Quad / Low-Power RS-232 Line Driver Quad, Low-Power RS-232 Line Driver(卤12V锛??5KVESD淇??锛?20kbps锛?S-232椹卞???
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CPDQT5V0-HF |
Halogen Free ESD Diodes, V<sub>C</sub>=11.6V, V<sub>ESD</sub>=8kV Low Profile SMD ESD Protection Diode
|
Comchip Technology
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
NUF4001MU NUF4001MUT2G |
Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 4线低电容EMI滤波器在UDFN8包装的ESD保护 Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 4 FUNCTIONS, 5 V, DATA LINE FILTER
|
ON Semiconductor
|
NUF4010MUT2G |
Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 4 FUNCTIONS, 5 V, DATA LINE FILTER
|
ON Semiconductor
|
ESDAULC5-1BF4 |
Low clamping & ultra low capacitance bidirectional single line ESD protection
|
ST Microelectronics
|
9025 |
LOW PROFILE LINE MATCHING TRANSFORMER
|
ETAL Group
|
EMIF04-1502M8 |
4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package 4-line IPAD⑩ low capacitance EMI filter and ESD protection in micro QFN package
|
STMicroelectronics
|
587B301LP 587B151LP 587B051LP 587B101LP |
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
|
PROTEC[Protek Devices]
|