PART |
Description |
Maker |
7447031 |
WE-FI Leaded Toroidal Line Choke
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
7447024 |
WE-FI Leaded Toroidal Line Choke
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
7447037 |
WE-FI Leaded Toroidal Line Choke
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
7447011 |
WE-FI Leaded Toroidal Line Choke
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
5704-RC 5705-RC 5711-RC 5717-RC 5706-RC 5707-RC 57 |
CHOKE RF HI CURR 275UH 15% RAD 1 ELEMENT, 275 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 450 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 50 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:500uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4A; DC Resistance Max:0.12ohm; Leaded Process Compatible:Yes 1 ELEMENT, 500 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:25uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:9A; DC Resistance Max:0.012ohm; Leaded Process Compatible:Yes 1 ELEMENT, 25 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:75uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5A; DC Resistance Max:0.04ohm; Leaded Process Compatible:Yes 1 ELEMENT, 75 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 800 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:150uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.75A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes 1 ELEMENT, 150 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1250 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:5700; Inductance:1.6mH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:1.5A; DC Resistance Max:1.27ohm; Leaded Process Compatible:Yes 1 ELEMENT, 1600 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
744112 |
TOROIDAL LINE CHOKE WE-SI
|
Wurth Elektronik GmbH &...
|
7441501 |
TOROIDAL LINE CHOKE WE-SI
|
Wurth Elektronik GmbH &...
|
744104 |
TOROIDAL LINE CHOKE WE-SI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
744156 |
TOROIDAL LINE CHOKE WE-SI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
744107 |
TOROIDAL LINE CHOKE WE-SI
|
Wurth Elektronik GmbH & Co. KG, Germany.
|