PART |
Description |
Maker |
2SC5434 2SC5434-T1 |
Reduced noise high frequency amplification transistor NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC[NEC] NEC Corp.
|
2SA733-X-AE3-R 2SA73305 2SA733L-Q-AE3-R 2SA733L-K- |
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR 低频功放进步党外延硅晶体
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
CSB1065 CSB1065N CSB1065R CSB1065P CSB1065Q |
10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 390 hFE. Complementary CSD1506 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 56 - 120 hFE. Complementary CSD1506N 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 180 - 390 hFE. Complementary CSD1506R 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 82 - 180 hFE. Complementary CSD1506P 10.000W Low Frequency PNP Plastic Leaded Transistor. 50V Vceo, 3.000A Ic, 120 - 270 hFE. Complementary CSD1506Q
|
Continental Device India Limited
|
2SA1897L 2SA1897 2SA1897K |
20 V, 5 A, PNP ultra-low saturation voltage transistor PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
|
NEC[NEC]
|
2SC4957 2SC4957-T1 2SC4957-T2 2SC4957NE68539E 2SC4 |
Microwave low-noise amplification silicon transistor HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD 高频低噪声放大器NPN硅外延晶体管4个引脚微型模 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
NEC, Corp. NEC Corp.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
2SC4617-AE3-R 2SC4617L-AE3-R 2SC4672-AB3-R 2SC4672 |
LOW FREQUENCY TRANSISTOR (50V,2A) GENERAL PURPOSE TRANSISTOR
|
http:// UTC[Unisonic Technologies]
|
15C01M12 EN7505A EN7505 |
Bipolar Transistor, 15V, 0.7A, Low VCE(sat) NPN Single MCP Low-Frequency General-Purpose Amplifier Applications Low-Frequency General-Purpose Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
KTC3535T KTC3531T |
Low Vce(sat) Transistor LOW FREQUENCY POWER AMP/ CONVERTER ELECTRONIC GOVERNOR APPLICATIONS
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
2SB1432 |
PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC
|