PART |
Description |
Maker |
19723-4400 19723-4402 |
.180 RECEP STRIP UNPLT 6M/REEL (19723440 2 mm2, BRASS, WIRE TERMINAL .180 RECEP STRIP PLT 6M/REEL (197234402) 2 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
15-92-3050 15-92-3068 |
50 CKT .025 RC EBBI RECEP MS716603050 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE PCB Header; Number of Contacts:68; Pitch Spacing:0.05"; Number of Rows:2; Gender:Receptacle; Body Material:Thermoplastic; Contact Material:Copper Alloy; Contact Plating:Gold; Current Rating:1A; Housing Style:Right-Angle
|
Molex, Inc. MOLEX INC
|
10045103-001C-TRLF 10045103-001CLF 10045103-001LF |
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
|
FCI connector
|
2-106506-2 |
HD-20 SIZE 2 RIGHT ANGLE RECEPTACLE HEADER; MARK II
|
Tyco Electronics
|
SC2004G |
CHARACTER LCD MODULE display format: 20x4; module size: 98x60x8.8; viewing size: 77.0x26.3; character size: 2.95x4.75; dot size: 0.55x0.55; SC2004G (20 CHARACTERS x 4 LINES)
|
SUNLIKE ETC[ETC] List of Unclassifed Manufacturers
|
SC4004B |
CHARACTER LCD MODULE display format: 40x4; module size: 288.3x77.5x17.0; viewing size: 260.0x56.6; character size: 5.16x10.52; dot size: 1.00x1.28;
|
SUNLIKE
|
MBM29F800TA MBM29F800TA-70 MBM29F800TA-90PF MBM29F |
LED Lamp; Bulb Size:T-1; LED Color:Yellow; Luminous Intensity:45ucd; Viewing Angle:50 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1; LED Color:Red; Luminous Intensity:12ucd; Viewing Angle:50 ; Forward Current:20mA; Forward Voltage:2V; Operating Temperature Range:-40 C to 85 C; Color:Red; Leaded Process Compatible:Yes; Lens Color:Clear RoHS Compliant: Yes 0.345A, 2.7-5.5V Single Hi-Side MOSFET, Fault Report, Act-Low Enable 8-SOIC 0 to 85 Replaced by TPS2045A : 0.345A, 2.7-5.5V Single Hi-Side MOSFET, Fault Report, Act-Low Enable 8-PDIP -40 to 85 122 x 32 pixel format, Compact LCD size LED Lamp; Bulb Size:T-1; LED Color:Yellow; Luminous Intensity:20ucd; Viewing Angle:60 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Yellow; Luminous Intensity:2500ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-40 C to 85 C; Color:Yellow; Leaded Process Compatible:Yes RoHS Compliant: Yes LED Lamp; Bulb Size:T-1 3/4; LED Color:Green; Luminous Intensity:500mcd; Viewing Angle:25 ; Forward Current:20mA; Forward Voltage:2.15V; Operating Temperature Range:-25 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes 8M (1M X 8/512K X 16) BIT
|
FUJITSU LTD Fujitsu Limited http:// Fujitsu Component Limited.
|
WH2402A |
CHARACTER LCD MODULE display format: 24x2; module size: 118.0x36.0; viewing size: 94.5x16.0; character size: 3.2x5.55; dot size: 0.60x0.65;
|
WSTAR
|
TM162E-G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 64.2x27.6x2.0; viewing size: 60.2x16.6; character size: 4.85x2.95; dot size: 55.0x0.65; controller: SED1233DGB;
|
TIANMA Microelectronics
|
TM162I-G |
CHARACTER TYPE MONOCHROME LCD MODULE display format: 16x2; module size: 66.0x27.7x2.0; viewing size: 61.0x15.7; character size: 5.15x2.95; dot size: 0.60x0.55; controller: KS0032;
|
TIANMA Microelectronics
|
SC1601D |
CHARACTER LCD MODULE display format: 16x1; module size: 122x33x8.8; viewing size: 99.0x13.0; character size: 4.84x9.7; dot size: 0.92x1.16;
|
SUNLIKE
|