PART |
Description |
Maker |
0002092611 WM2297CT 02-09-2611 02-09-2612 42478-00 |
TERMINAL, PIN, .093/(2.36) DIA., CRIMP 093 Male Terminal Chain 14-18 BRASS, TIN (20) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
5961-2 |
Model 5961 and 5961-2 Metric QFP Test Clips, 44 Pin EIAJ 80mm Pitch, 3,2mm and 3,9mm Footprint
|
Pomona Electronics
|
15-24-9245 15-24-9243 15-24-9043 |
Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,R ANGLE PC TAIL Terminal,POLARIZED LCK 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:24; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit BMI RA Hdr Au V-2 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
43045-0613 43045-1013 43045-1213 43045-0213 43045- |
Header; No. of Contacts:6; Pitch Spacing:3mm; No. of Rows:2; Series:Mini-Fit 3.0; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Microfit 3.0 Vert Thrhole DR 15Au 22 Ckt 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.118 Pitch,PC TAIL W/RETNN Terminal,POLARIZED LCK 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
010-18-1036 0010-18-1036 001018-1036 010181036 001 |
2.36mm Diameter Standard .093 Pin and Socket Header, Shrouded, 3 Circuits, 1 Female Terminal, 1 Male Terminal
|
Molex Electronics Ltd.
|
1EGG8-1 1EGG8-2 6EGS1-2 3EGS1-2 1EGS1-2 3EGG8-1 6E |
Smallest Filtered Power Entry Modules with Metric Fuseholders
|
Tyco Electronics
|
H3051-01 |
Slotted Terminal Pin, 6.35mm high, 2.3mm diameter, for 1.6mm panel thickness BRASS, TIN OVER NICKEL FINISH, PCB TERMINAL
|
Harwin PLC
|
A-7859-2561 7859-2561N 15-29-1026 0015291026 |
2.54mm (.100) Pitch C-Grid? Shunt Terminal Housings, (30μ) Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid庐 Shunt Terminal Housings, (30渭") Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid垄莽 Shunt Terminal Housings, (30楼矛") Gold (Au), 2 Circuits, with Pin Stop
|
Molex Electronics Ltd.
|
39390-0102 39390-0103 39380-0102 39380-0103 |
EUROSTYLE 9 52 FIXED PIN 3 CIR 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 6.35 and 9.52mm (.250 and .375? Pitch Beau? Eurostyle? Terminal Blocks 6.35 and 9.52mm (.250 and .375隆卤) Pitch Beau垄莽 Eurostyle垄莽 Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
ASM811SEUS ASM811TEUS ASM811 ASM812 ASM812TEUS ASM |
4 Pin P Voltage Supervisor with Manual Reset 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 4 Pin P Voltage Supervisor with Manual Reset 4引脚P的电压监控,带有手动复位 4 Pin µP Voltage Supervisor with Manual Reset Low Power CPU Supervisors From old datasheet system 4.38 V, 4 pin mP supervisor with manual reset 2.93 V, 4 pin mP supervisor with manual reset 4 V, 4 pin mP supervisor with manual reset 3.08 V, 4 pin mP supervisor with manual reset 2.63 V, 4 pin mP supervisor with manual reset 4.63 V, 4 pin mP supervisor with manual reset
|
Alliance Semiconductor Corp... Alliance Semiconductor, Corp. ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
08-55-0105 08-56-0108 08-50-0108 |
KK 156 TERMINAL CRIMP 22-26 AWG GOLD BRASS, WIRE TERMINAL Crimp Socket Contact; Wire Size (AWG):26-22; Contact Material:Brass RoHS Compliant: Yes BRASS, GOLD FLASH FINISH, WIRE TERMINAL CRIMP PIN, 22-28AWG PK100 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex, Inc.
|
77034052 7703405N 7703405T 7703405U 7703405Y OM132 |
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages MB 8C 8#20 PIN PLUG MB 3C 3#16 PIN PLUG MB 8C 8#20 SKT PLUG RoHS Compliant: No 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
|