PART |
Description |
Maker |
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
CFR300M10 CFR150M10 CFR70M10 |
300 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 150 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL 70 mm2, ALUMINUM COPPER ALLOY, WIRE TERMINAL
|
|
19121-0030 19121-0007 19121-0009 19121-0053 |
CONN FLANGED SPADE #10 14-16AWG 2 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #10 18-22AWG 1 mm2, BRASS, WIRE TERMINAL CONN FLANGED SPADE #8 10-12AWG 6 mm2, BRASS, WIRE TERMINAL
|
Molex, Inc.
|
QUICK-WIREFOX-18 |
Stripping pliers, for standard insulation such as PVC and PE, stripping range: 4 to 16 mm2, can cut wires up to 6 mm2 stranded and 4 mm2 solid
|
PHOENIX CONTACT
|
STO-0.5-110N-5 STO-0.5-110N-8 STO-0.5T-110N-5 STO- |
0.5 mm2, BRASS, WIRE TERMINAL 0.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 1 mm2, BRASS, PUSH-ON TERMINAL 1 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 1 mm2, BRASS, WIRE TERMINAL 1 mm2, BRASS, TIN FINISH, WIRE TERMINAL 2.5 mm2, BRASS, WIRE TERMINAL 2.5 mm2, BRASS, TIN FINISH, WIRE TERMINAL 2.5 mm2, BRASS, PUSH-ON TERMINAL 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 0.25 mm2, BRASS, TIN FINISH, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
19160-0044 19160-0045 19160-0047 |
22-10 YELLOW WING LOCK (WL-Y) 5 mm2, COPPER ALLOY, WIRE TERMINAL 18-10 RED WING LOCK (WL-R) 5 mm2, COPPER ALLOY, WIRE TERMINAL 14-6 BLUE WING LOCK (WL-B)
|
Molex, Inc. MOLEX INC
|
SPS-51T-205 SPS-61T-250 SFPS-61T-250 SPS-61T-250S |
2 mm2, WIRE TERMINAL 0.75 mm2, WIRE TERMINAL 1.25 mm2, WIRE TERMINAL
|
JST Mfg. Co., Ltd.
|
FVLWS5.5-5 FVLWS5.5-S5 |
6.64 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
FNGS5-1C GS3-0.5C GS4-10C |
1.5 mm2, WIRE TERMINAL 0.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
CE1 CE-100 |
1.75 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
|