PART |
Description |
Maker |
V30208TSS V30208S |
Ultra Low Power 1-Bit 32 kHz RTC
|
List of Unclassifed Manufacturers
|
SIT1534 |
Ultra-Small, Ultra-Low Power 1 Hz ?32.768 kHz Programmable Oscillator
|
SiTime Corp.
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
ADAU1361 |
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|
MAX5524 MAX5524ETC |
Dual. Ultra-Low-Power. 10-Bit. Voltage-Output DACs 1.8 to 5.5 V, dual, ultra-low-power, 10-bit, voltage-output DAC Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
BH616UV1611TI70 BH616UV1611DIP55 BH616UV1611TIP70 |
Ultra Low Power/High Speed CMOS SRAM 1M X 16 bit / 2M x 8-bit
|
Brilliance Semiconductor
|
ADAU1461 ADAU1461WBCPZ ADAU1461WBCPZ-RL ADAU1461WB |
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|
ADAU1461 |
SigmaDSP Stereo, Automotive Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|
A3024SO20A A3024SO20B A3024DL20A A3024 |
Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
|
EMMICRO[EM Microelectronic - MARIN SA]
|
V3025 V3025SO28B V3025SO28A |
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
|
ETC
|
EL2125 EL2125CS-T13 EL2125CS-T7 EL2125CW-T7 EL2125 |
Ultra-Low Noise, Low Power, Wideband Amplifier Op Amp, 175MHz Wideband, Ultra Low Noise 0.83nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise/ Low Power/ Wideband Amplifier
|
Intersil Corporation
|
ADAU1761BCPZ ADAU1761BCPZ-R7 ADAU1761BCPZ-RL EVAL- |
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
|
Analog Devices
|